Electronic Components Datasheet Search
  English  ▼

X  

SMF64CA Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SMF64CA
Description  Maximum Clamp Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SMF64CA Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SMF64CA Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SMF64CA Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. SMF64CA Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd. SMF64CA Datasheet HTML 4Page - Gaomi Xinghe Electronics Co., Ltd. SMF64CA Datasheet HTML 5Page - Gaomi Xinghe Electronics Co., Ltd. SMF64CA Datasheet HTML 6Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMF5.0A/CA~190A/CA
特 性:
◆
Peak Power − 200 Watts @ 1 ms (SMF5.0A − SMF58A)
Peak − 175 Watts @ 1 ms (SMF60A − SMF170A)
◆
Maximum Clamp Voltage @ Peak Pulse Current
ESD Rating of Class 3 (> 16 kV) per Human Body Model
 
IEC61000−4−2 Level 4 ESD Protection
IEC61000−4−4 40 A ESD Protection
◆
Low Leakage
◆
Small Footprint − Footprint Area of 8.45 mm2
◆
Supplied in 8 mm Tape and Reel − 3,000 Units per Reel
◆
Cathode Indicated by Polarity Band
机械性能:
◆CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL94V-O
◆ LEAD FINISH:
100% Matte Sn
◆MOUNTING POSITION:
Any
◆QUALIFIED MAX REFLOW TEMPERATURE:
260℃
最大额定值及电气特性
测量环境温度为 25℃,除非另有规定。
Rating
Symbol
Value
Unit
Maximum Ppk Dissipation (PW−10/1000 ms) (Note 1) SMF60A − SMF170A
Ppk
175
W
Maximum Ppk Dissipation (PW−10/1000 ms) (Note 1) SMF5.0A − SMF58A
Ppk
200
W
Maximum Ppk Dissipation @ TA = 25℃, (PW−8/20 ms) (Note 2)
Ppk
1000
W
DC Power Dissipation @ TA = 25℃ (Note 3)
Derate above 25℃
Thermal Resistance from Junction to Ambient (Note 3)
P
   D 
RJA
385
4.0
325
mW
mW/℃
 ℃
/W
Thermal Resistance from Junction to Lead (Note 3)
Rθ(ja)
26
 ℃
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
℃
NOTES;
1. Non−repetitive current pulse at TA = 25℃, per waveform of Figure 2.
2. Non−repetitive current pulse at TA = 25℃per waveform of Figure 3.
3. Mounted with recommended minimum pad size, DC board FR−4.
4.TL = 30℃unless otherwise noted, VF = 1.25 Volts @ 200 mA
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1
XINGHE ELECTRONICS
星合电子


Similar Part No. - SMF64CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMF64CA MCC-SMF64CA Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF64CA MCC-SMF64CA Datasheet
327Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Formosa MS
SMF64CA FORMOSA-SMF64CA Datasheet
463Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMF64CA LUGUANG-SMF64CA Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
SMF64CA LUGUANG-SMF64CA Datasheet
404Kb / 3P
Surface Mount ESD Protection Diodes
More results

Similar Description - SMF64CA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
10-BIT VOLTAGE CLAMP
SN74TVC3306 TI-SN74TVC3306 Datasheet
186Kb / 9P
DUAL VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
22-BIT VOLTAGE CLAMP
SN74TVC3306 TI-SN74TVC3306_07 Datasheet
225Kb / 11P
DUAL VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
10-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
22-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
10-BIT VOLTAGE CLAMP
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
DUAL VOLTAGE CLAMP
SN74TVC3306 TI1-SN74TVC3306_15 Datasheet
876Kb / 19P
SN74TVC3306 Dual Voltage Clamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com