Electronic Components Datasheet Search
  English  ▼

X  

CX25834 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX25834
Description  Supports NTSC/PAL/SECAM video input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX25834 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX25834 Datasheet HTML 1Page - Synaptics Incorporated. CX25834 Datasheet HTML 2Page - Synaptics Incorporated. CX25834 Datasheet HTML 3Page - Synaptics Incorporated. CX25834 Datasheet HTML 4Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Distinguishing Features
• Supports NTSC/PAL/SECAM video input
• Worldwide graphics controller compatibility
• PC 98/99 compliant
• ACPI and power management
• Transport stream DMA for ATSC and DVB
digital broadcast
– 40 Mbps serial I/O
– 20 MBps parallel I/O
digital
infotainment
products
Conexant’s FusionTM Family of PCI Video
Decoders Integrates Broadcast Video and
Data Capture, and Playback in a Single Chip
The newest addition to the Fusion family of PCI video decoders
is the Fusion 878A. It is a multifunctional PCI device based on
the original Bt878/879 products. The Fusion 878A is pin-for-pin
compatible with the Bt878/879, and adds enhanced performance
capabilities in video and broadcast communication services.
Fusion 878A addresses the current analog TV requirements as
well as the evolving digital TV broadcast standards like ATSC
(American Television Standards Committee) and DVB (Digital
Video Broadcast). The Fusion 878A is PC 98 and PC 99 compliant.
Also, Fusion 878A conforms to the Advance Configuration Power
Interface (ACPI) and power management requirements outlined
in the PCI Bus Power Management Specification 1.0.
Fusion 878A integrates more of the external biasing circuitry, which
reduces the overall bill of materials and improves performance
characteristics of video and clocking. This enables customers to
develop cost-effective, yet flexible solutions addressing analog
and digital video.
PCl Video Decoder
Fusion™ 878A


Similar Part No. - CX25834

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX25836 CONEXANT-CX25836 Datasheet
257Kb / 4P
YPbPr component video input
CX25837 CONEXANT-CX25837 Datasheet
257Kb / 4P
YPbPr component video input
CX25838 CONEXANT-CX25838 Datasheet
202Kb / 2P
8-Channel Audio/Video Decoder for Surveillance Systems
More results

Similar Description - CX25834

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
NTSC/PAL/SECAM Digital Video Decoder
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
NTSC/PAL/SECAM Video Encoder
logo
Texas Instruments
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
Ultralow-Power NTSC,PAL,SECAM Video Decoder
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com