Electronic Components Datasheet Search
  English  ▼

X  

AD9433 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9433 Datasheet HTML 13Page - Analog Devices AD9433 Datasheet HTML 14Page - Analog Devices AD9433 Datasheet HTML 15Page - Analog Devices AD9433 Datasheet HTML 16Page - Analog Devices AD9433 Datasheet HTML 17Page - Analog Devices AD9433 Datasheet HTML 18Page - Analog Devices AD9433 Datasheet HTML 19Page - Analog Devices AD9433 Datasheet HTML 20Page - Analog Devices AD9433 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. 0
AD9433
–17–
Evaluation Board Bill of Materials
Item
Qty
Reference Designator
Device
Package
Value
1
1
AD9433/PCB
PCB
2
1
U4
ADC
QFP52
AD9433BST-XXX
3
1
U3
DAC
LQFP48
AD9772AAST
4
1
U1
Quad LVDS/CMOS
SO16
DS90LV048A
5
1
U2
Diff. ECL Receiver
SO8NB
MC10EP16
62
U7–U8
D Flip-Flop
74LVT574WM
72
T1–T2
1:1 Transformer
CD542
ADT1-1WT
835
C1, C2, C4–C8, C10, C12–C18,
Capacitor
0603A
0.1
µF
C20–C24, C27–C28, C30–C38, C42–
C43, C45, C48
9
3
C9, C40–C41
Capacitor
BCAPTAJD
10
µF
10
1
C11
Capacitor
0603A
10
µF
11
2
R10, R23
BRES603
0603A
50
Ω
12
2
R29–R30
BRES603
0603A
33
Ω
13
4
R1–R2, R24–R25
BRES603
0603A
510
Ω
14
3
R3–R4, R7
BRES603
0603A
25
Ω
15
3
R6, R8, R14
BRES603
0603A
2 k
Ω
16
2
R9, R13
BRES603
0603A
1.2 k
Ω
17
2
R11, R16
BRES603
0603A
1 k
Ω
18
1
R12
BRES603
0603A
220
Ω
19
2
RZ1–RZ2
Resistor Pack
SO16RES
742C163221 (220
Ω)
20
2
RZ4–RZ5
Resistor Pack
SO16RES
742C163220 (22
Ω)
21
3
J1, P38–P39
SMBPN
SMB
PC-Mount SMB
22
1
P44
40 Pin Header
C40MS
Samtec Tsw-120-07-G-D
23
2
P42–P43
Power Connector
PTMICRO4
Weiland
Z5.531.3425.0 Posts
25.602.5453.0 Top
24
15
E5–E7, E8–E10, E19–E21, E25–E27,
“E” Holes
Jumper Blocks
TSW-120-07-G-S
E31–E33
SMT-100-BK-G
25
4
E28/E29, E36/E37, E39/E40, E42/E43
“E” Holes
Wire Straps
Short at Assembly
26
*
1
T3
1:1 Transformer
CD543
ADT1-1WT
27
*
1
U10
Op Amp
SO8
AD8350
28
*
7C3, C46–C47, C50–C53
Capacitor
0603A
0.1
µF
29
*
1
C44
Capacitor
BCAPTAJD
10
µF
30
*
2
R15, R27
BRES604
0603A
50
Ω
31
*
2
R18–R19
BRES606
0603A
25
Ω
32
*
2
R20, R33
BRES608
0603A
1.5 k
Ω
33
*
2
R21, R28
BRES605
0603A
100
Ω
34
*
6L1–L2, R17, R22, R31, C29, C49
Select (R, L, C)
0603A
Select
35
*
1
P41
SMBPN
SMB
PC-Mount SMB
36
*
6
E30, E34–E35, E38, E41, E44
“E” Holes
Option Holes
*Items are included in the PCB design, but are omitted at assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com