Electronic Components Datasheet Search
  English  ▼

X  

AD9300KP Datasheet(PDF) 3 Page - Analog Devices

Part # AD9300KP
Description  4 x 1 Wideband Video Multiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9300KP Datasheet(HTML) 3 Page - Analog Devices

  AD9300KP Datasheet HTML 1Page - Analog Devices AD9300KP Datasheet HTML 2Page - Analog Devices AD9300KP Datasheet HTML 3Page - Analog Devices AD9300KP Datasheet HTML 4Page - Analog Devices AD9300KP Datasheet HTML 5Page - Analog Devices AD9300KP Datasheet HTML 6Page - Analog Devices AD9300KP Datasheet HTML 7Page - Analog Devices AD9300KP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTES
11Permanent damage may occur if any one absolute maximum rating is exceeded. Functional operation is not implied, and device reliability may be impaired by
exposure to higher-than-recommended voltages for extended periods of time.
12Measured at extremes of temperature range.
13Measured as slope of V
OUT versus VIN with VIN = ± 1 V.
14Measured as worst deviation from endpoint fit with V
IN = ± 1 V.
15Full Power Bandwidth (FPBW) based on Slew Rate (SR). FPBW = SR/2
π V
PEAK
16Measured between 20% and 80% transition points of
±1 V output.
17T-Step = Sin2
× Step, when Step between 0 V and +700 mV points has 10% to 90% risetime = 125 ns.
18Measured with a pulse input having slew rate >250 V/
µs.
19Measured at output between 0.28 V dc and 1.0 V dc with V
IN = 284 mV p-p at 3.58 MHz and 4.43 MHz.
10This specification is critically dependent on circuit layout. Value shown is measured with selected channel grounded and 10 MHz 2 V p-p signal applied to remaining
three channels. If selected channel is grounded through 75
Ω, value is approximately 6 dB higher.
11This specification is critically dependent on circuit layout. Value shown is measured with selected channel grounded and 10 MHz 2 V p-p signal applied to one other
channel. If selected channel is grounded through 75
Ω, value is approximately 6 dB higher. Minimum specification in ( ) applies to DIPs.
12Consult system timing diagram.
13Measured from address change to 90% point of –2 V to +2 V output LOW-to-HIGH transition.
14Measured from address change to 90% point of +2 V to –2 V output HIGH-to-LOW transition.
15Measured from 50% transition point of ENABLE input to 90% transition of 0 V to –2 V and 0 V to +2 V output.
16Measured from 50% transition point of ENABLE input to 10% transition of +2 V to 0 V and –2 V to 0 V output.
17Measured while switching between two grounded channels.
18Maximum power dissipation is a package-dependent parameter related to the following typical thermal impedances:
16-Pin Ceramic
θ
JA = 87°C/W; θJC = 25°C/W
20-Pin LCC
θ
JA = 74°C/W; θJC = 10°C/W
20-Pin PLCC
θ
JA = 71°C/W; θJC = 26°C/W
Specifications subject to change without notice.
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
l
Supply Voltages (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
Analog Input Voltage Each Input
(IN1 thru IN4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 3.5 V
Differential Voltage Between Any Two
Inputs (IN1 thru IN4) . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V
Digital Input Voltages (A0, A1, ENABLE) . . . –0.5 V to +5.5 V
Output Current
Sinking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0 mA
Sourcing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0 mA
Operating Temperature Range
AD9300KQ/KP . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Lead Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . +300
°C
EXPLANATION OF TEST LEVELS
Test Level I
–
100% production tested.
Test Level II
–
100% production tested at +25
°C, and
sample tested at specified temperatures.
Test Level III
–
Sample tested only.
Test Level IV
–
Parameter is guaranteed by design and
characterization testing.
Test Level V
–
Parameter is a typical value only.
Test Level VI
–
All devices are 100% production tested at
+25
°C. 100% production tested at tempera-
ture extremes for military temperature de-
vices; sample tested at temperature extremes
for commercial/industrial devices.
AD9300
ORDERlNG GUlDE
Temperature
Package
Device
Range
Description
Option
1
AD9300KQ
0
°C to +70°C
16-Pin Cerdip, Commercial
Q-16
AD9300TE/883B
2
–55
°C to +125°C
20-Pin LCC, Military Temperature
E-20A
AD9300TQ/883B
2
–55
°C to +125°C
16-Pin Cerdip, Military Temperature Q-16
AD9300KP
0
°C to +70°C
20-Pin PLCC, Commercial
P-20A
NOTES
1E = Ceramic Leadless Chip Carrier; P = Plastic Leaded Chip Carrier; Q = Cerdip.
2For specifications, refer to Analog Devices Military Products Databook.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9300 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com