| Electronic Components Datasheet Search |
|
AD9501SQ Datasheet(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9501SQ Datasheet(HTML) 9 Page - Analog Devices |
|
9 / 12 page ![]() AD9501 REV. A –9– This delay matching is often difficult when using high speed, high-pin-count testers because lead length and circuit impedance can change when the tester setup is changed for different types of devices. The skew which might result from these changes can be compensated by using AD9501 units as shown in Figure 5. When deskewing multiple signal paths, a single stimulus pulse is applied to all inputs of the AD9501s which are used. The delay for each signal path is then measured by the tester’s delay measurement circuit. Using a closed loop technique, all delays are equalized by changing the digital value held in the register of each AD9501. Once all delays have been matched to the desired tolerance, the calibration loop is opened; and the tester is ready to test the new type of device. Digitally Programmable Oscillator Two AD9501s can be configured as an stable oscillator, as shown in Figure 6. triggered from a common clock signal. Their outputs go to the inputs of an RS flip-flop. A digital delay value is applied as an input to each with AD9501 #2 typically having a larger value than AD9501 #1. As shown by the timing portion of the diagram, changing the delay value from one clock cycle to the next generates a pseudo- random pulse whose leading and trailing edge delays are con- trolled relative to Clock In. The dashed lines illustrate how the programmed delays of the AD9501 components control both the timing and width of the generator output. The frequency (f) and pulse width (tpw) of the pulse generator can be determined as follows: f = f CLOCK IN and: tpw = tTOT 2 – tTOT1 Figure 6. Digitally Programmable Oscillator Delay through each side of the oscillator is determined by the programmed delay (tD) of each AD9501 plus the minimum propagation delay (tPD) of each. Increasing the digital value applied to either AD9501 decreases frequency, just as increasing RC decreases frequency in an analog ring oscillator. Using a pair of AD9501 Delay Generators as shown allows the user great flexibility because both the frequency and the duty cycle of the oscillator are easily controlled. Frequency of the oscillator output can be established with the equation: f =1/(2t PD + tD1 + tD2 ) when tD1 and tD2 are the programmed delays of AD9501 #1 and AD9502 #2, respectively. Programmable Pulse Generator In this application, shown in Figure 7, two AD9501 units are with TTOT being equal to each AD9501’s minimum propagation delay (tPD) plus programmed delay (tD). If both AD9501s are set for the same full-scale delay range, their minimum propagation delays will be approximately the same, and the pulse width will be approximately equal to the difference in programmed delays. Digital Delay Detector An unknown digital delay can be measured by applying a repetitive clock to the circuit shown in Figure 8. The pictured delay detector works in a manner similar to a successive approximation ADC; in this circuit, however, a D-type flip-flop replaces the ADC’s voltage comparator. To calibrate the circuit, short out the unknown delay and apply the clock input to both AD9501 units. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |