Electronic Components Datasheet Search
  English  ▼

X  

AD9630 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9630
Description  Low Distortion 750 MHz Closed-Loop Buffer Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9630 Datasheet(HTML) 6 Page - Analog Devices

  AD9630 Datasheet HTML 1Page - Analog Devices AD9630 Datasheet HTML 2Page - Analog Devices AD9630 Datasheet HTML 3Page - Analog Devices AD9630 Datasheet HTML 4Page - Analog Devices AD9630 Datasheet HTML 5Page - Analog Devices AD9630 Datasheet HTML 6Page - Analog Devices AD9630 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AD9630
–6–
REV. B
–0.04
0.1
–0.08
0
0.04
0.08
0.06
0.02
–0.02
–0.06
–0.1
10
20
30
40
50
TIME – ns
100
6pF
TEST CIRCUIT
VOUT = 2V STEP
Figure 13. Short-Term Settling Time
FREQUENCY – MHz
40
50
100
110
100
70
80
90
60
RL = 100
2nd
3rd
Figure 16. Harmonic Distortion
VOUT = 4 V p-p
–0.04
0.1
–0.08
0
0.04
0.08
0.06
0.02
–0.02
–0.06
–0.1
10
100
1k
10k
100k
TIME – ns
VOUT = 2V STEP
1
100
6pF
TEST CIRCUIT
Figure 14. Long-Term Settling Time
FREQUENCY – MHz
40
50
100
110
RL = 100
100
70
80
90
60
2nd
3rd
Figure 17. Harmonic Distortion
VOUT = 2 V p-p
–0.5
5ns/DIVISION
50
6pF
50
TEST CIRCUIT
3.0
0
1.5
2.5
2.0
1.0
0.5
–1.0
–1.5
–2.0
–2.5
–3.0
Figure 15. Large-Signal Pulse
Response



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com