Electronic Components Datasheet Search
  English  ▼

X  

B4303 Datasheet(PDF) 5 Page - EPCOS

Part # B4303
Description  Low-loss RF filter for mobile telephone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4303 Datasheet(HTML) 5 Page - EPCOS

  B4303 Datasheet HTML 1Page - EPCOS B4303 Datasheet HTML 2Page - EPCOS B4303 Datasheet HTML 3Page - EPCOS B4303 Datasheet HTML 4Page - EPCOS B4303 Datasheet HTML 5Page - EPCOS B4303 Datasheet HTML 6Page - EPCOS B4303 Datasheet HTML 7Page - EPCOS B4303 Datasheet HTML 8Page - EPCOS B4303 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
September 29, 2011
B4303
881.5 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings
Operable temperature range
T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
GSM850, GSM900
PIN
15
dBm
effective power in the on-state,
GSM1800, GSM1900
PIN
15
dBm
duty cycle 4:8
Tx bands



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com