Electronic Components Datasheet Search
  English  ▼

X  

B4310 Datasheet(PDF) 3 Page - EPCOS

Part # B4310
Description  Low insertion attenuation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4310 Datasheet(HTML) 3 Page - EPCOS

  B4310 Datasheet HTML 1Page - EPCOS B4310 Datasheet HTML 2Page - EPCOS B4310 Datasheet HTML 3Page - EPCOS B4310 Datasheet HTML 4Page - EPCOS B4310 Datasheet HTML 5Page - EPCOS B4310 Datasheet HTML 6Page - EPCOS B4310 Datasheet HTML 7Page - EPCOS B4310 Datasheet HTML 8Page - EPCOS B4310 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
December 08, 2011
B4310
1588.655 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1588.655
—
MHz
Maximum insertion attenuation
α
max
1573.42 ... 1577.42 MHz
—
1.0
1.5
dB
1571.42 ... 1605.89 MHz
—
1.5
1.9
dB
1597.55 ... 1605.89 MHz
—
1.3
1.9
dB
Amplitude ripple (p-p)
∆α
1573.42 ... 1577.42 MHz
—
0.1
0.6
dB
1571.42 ... 1605.89 MHz
—
0.6
1.1
dB
1597.55 ... 1605.89 MHz
—
0.4
0.9
dB
Input VSWR
1573.42 ... 1577.42 MHz
—
1.3
2.0
1571.42 ... 1605.89 MHz
—
1.8
2.2
1597.55 ... 1605.89 MHz
—
1.5
2.1
Output VSWR
1573.42 ... 1577.42 MHz
—
1.3
2.0
1571.42 ... 1605.89 MHz
—
1.8
2.2
1597.55 ... 1605.89 MHz
—
1.5
2.1
Group delay ripple1) (p-p)
1) Averaged over 500 kHz
1573.42 ... 1577.42 MHz
—2
8
ns
1571.42 ... 1605.89 MHz
—6
12
ns
1597.55 ... 1605.89 MHz
—5
12
ns
Attenuation
α
10.0
... 1450.0
MHz
36
40
dB
1450.0
... 1525.0
MHz
30
34
dB
1650.0
... 1700.0
MHz
30
34
dB
1700.0
... 2150.0
MHz
36
40
dB
2150.0
... 2270.0
MHz
30
36
dB
2400.0
... 2700.0
MHz
40
45
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com