Electronic Components Datasheet Search
  English  ▼

X  

B4314 Datasheet(PDF) 7 Page - EPCOS

Part # B4314
Description  Usable passband 25.0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4314 Datasheet(HTML) 7 Page - EPCOS

  B4314 Datasheet HTML 1Page - EPCOS B4314 Datasheet HTML 2Page - EPCOS B4314 Datasheet HTML 3Page - EPCOS B4314 Datasheet HTML 4Page - EPCOS B4314 Datasheet HTML 5Page - EPCOS B4314 Datasheet HTML 6Page - EPCOS B4314 Datasheet HTML 7Page - EPCOS B4314 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
January 12, 2012
B4314
881.5 MHz
SAW Components
SAW Rx Filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
References
Type
B4314
Ordering code
B39881B4314P810
Marking and package
C61157-A8-A9
Packaging
F61074-V8212-Z000
Date codes
L_1126
S-parameters
B4314_NB.s2p, B4314_WB.s2p
See file header for port/pin assignment table.
Soldering profile
S_6001
RoHS compatible
defined as compatible with the following documents:
"DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT
AND OF THE COUNCIL of 27 January 2003 on the restriction
of the use of certain hazardous substances in electrical and
electronic equipment. 2005/618/EC from April 18th, 2005,
amending Directive 2002/95/EC of the European Parliament
and of the Council for the purposes of establishing the maxi-
mum concentration values for certain hazardous substances in
electrical and electronic equipment."
Moldability
Before using in overmolding environment, please contact your
EPCOS sales office.
Matching coils
See Inductor pdf-catalog
http://www.tdk.co.jp/tefe02/coil.htm#aname1
and Data Library for circuit simulation
http://www.tdk.co.jp/etvcl/index.htm
For further information please contact your local EPCOS sales office or visit our webpage at
www.epcos.com .
Published by EPCOS AG
Systems, Acoustics, Waves Business Group
P.O. Box 80 17 09, 81617 Munich, GERMANY
© EPCOS AG 2012. This brochure replaces the previous edition.
For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or
the international Representatives.
Due to technical requirements components may contain dangerous substances. For information on
the type in question please also contact one of our Sales Offices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com