Electronic Components Datasheet Search
  English  ▼

X  

B5239 Datasheet(PDF) 3 Page - EPCOS

Part # B5239
Description  Wide band, low-loss IF filter for LTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5239 Datasheet(HTML) 3 Page - EPCOS

  B5239 Datasheet HTML 1Page - EPCOS B5239 Datasheet HTML 2Page - EPCOS B5239 Datasheet HTML 3Page - EPCOS B5239 Datasheet HTML 4Page - EPCOS B5239 Datasheet HTML 5Page - EPCOS B5239 Datasheet HTML 6Page - EPCOS B5239 Datasheet HTML 7Page - EPCOS B5239 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Jan 28, 2011
B5239
153.6 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =
200
Ω and matching network
Terminating load impedance:
ZL =
150
Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
153.6
MHz
Minimum insertion attenuation
α
min
12.2
13.5
dB
(including matching network)
Amplitude ripple (p-p)
∆α
fN ± 20.8 MHz
0.7
1.2
dB
Amplitude ripple (p-p)
∆α
In any segment of 20MHz in 40MHz
0.7
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 20.8 MHz
0.033
0.06
µs
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz
...
72.0 MHz
55
60
dB
72.0 MHz
... 113.6 MHz
45
52
dB
113.6 MHz
... 123.6 MHz
40
47
dB
183.6 MHz
... 202.6 MHz
38
45
dB
202.6 MHz
... 276.0 MHz
50
55
dB
276.0 MHz
... 430.0 MHz
45
50
dB
430.0 MHz
...1000.0 MHz
55
60
dB
Return loss, input
fN ± 20.8 MHz
6.0
7.8
dB
Return loss, output
fN ± 20.8 MHz
5.5
6.8
dB
Temperature coefficient of frequency
TCf
–87
ppm/K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com