Electronic Components Datasheet Search
  English  ▼

X  

AD9632AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD9632AR
Description  Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9632AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9632AR Datasheet HTML 5Page - Analog Devices AD9632AR Datasheet HTML 6Page - Analog Devices AD9632AR Datasheet HTML 7Page - Analog Devices AD9632AR Datasheet HTML 8Page - Analog Devices AD9632AR Datasheet HTML 9Page - Analog Devices AD9632AR Datasheet HTML 10Page - Analog Devices AD9632AR Datasheet HTML 11Page - Analog Devices AD9632AR Datasheet HTML 12Page - Analog Devices AD9632AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD9631/AD9632
REV. A
–9–
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = ±5V
RL = 500Ω
G = +2
2ND HARMONIC
3RD HARMONIC
Figure 33. AD9632 Harmonic Distortion vs. Frequency,
RL = 500 Ω
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = ±5V
RL = 100Ω
G = +2
2ND HARMONIC
3RD HARMONIC
Figure 34. AD9632 Harmonic Distortion vs. Frequency,
RL = 100 Ω
50
30
10
10
100
25
20
15
35
40
45
FREQUENCY – MHz
Figure 35. AD9632 Third Order Intercept vs. Frequency
0.04
–0.04
–0.02
0.00
0.02
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
0.02
–0.02
0.00
0.04
–0.04
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
Figure 36. AD9632 Differential Gain and Phase Error
G = +2, RL = 150 Ω
0.2
–0.3
0
–0.2
010
20
30
40
50
60
70
80
–0.1
0.1
SETTLING TIME – ns
Figure 37. AD9632 Short-Term Settling Time 2 V Step,
RL = 100 Ω
0.3
–0.2
0.1
–0.1
09
8
7
6
5
4
3
2
1
0
0.2
SETTLING TIME – µs
10
Figure 38. AD9632 Long-Term Settling Time 2 V Step,
RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com