Electronic Components Datasheet Search
  English  ▼

X  

AD9713B Datasheet(PDF) 11 Page - Analog Devices

Part # AD9713B
Description  12-Bit, 100 MSPS D/A Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9713B Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9713B Datasheet HTML 4Page - Analog Devices AD9713B Datasheet HTML 5Page - Analog Devices AD9713B Datasheet HTML 6Page - Analog Devices AD9713B Datasheet HTML 7Page - Analog Devices AD9713B Datasheet HTML 8Page - Analog Devices AD9713B Datasheet HTML 9Page - Analog Devices AD9713B Datasheet HTML 10Page - Analog Devices AD9713B Datasheet HTML 11Page - Analog Devices AD9713B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD9712B/AD9713B
REV. B
–11–
ECL Input Buffer
Reference Input
Control Amplifier Input
Reference Output
Full-Scale Current Control Loop
TTL Input Buffer
Output Circuit
R-2R DAC (for 6 LSBs)
Control Amp Output
ECL
IN
–5.2 V
ECL VMID
–5.2 V
CONTROL
AMP IN
19
CONTROL
AMP OUT
–5.2 V
18
REFERENCE
IN
–5.2 V
138 CURRENT SOURCES
17
2.5k
Ω
–VS
16pF
I
OUT
16pF
2.5k
Ω
ANALOG
RETURN
14
16
13
I OUT
–5.2 V
REFERENCE
OUT
20
R
R
R
R
RR
2R
2R
2R
2R
2R
R
or
ANALOG
RETURN
I
OUT
D12
D11
D10
D9
D 8
D7
D1 D 6
–
13
14
16
I OUT
10 k
Ω
TTL
IN
+5V
+
–
VBIAS
REFERENCE
OUT
CONTROL
AMP
CONTROL
AMP OUT
R SET
CONTROL
AMP IN
–5.2 V
REFERENCE
IN
24
19
20
18
17
±
Figure 11. Equivalent Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com