Electronic Components Datasheet Search
  English  ▼

X  

AD9731 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9731
Description  10-Bit, 170 MSPS D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9731 Datasheet(HTML) 5 Page - Analog Devices

  AD9731 Datasheet HTML 1Page - Analog Devices AD9731 Datasheet HTML 2Page - Analog Devices AD9731 Datasheet HTML 3Page - Analog Devices AD9731 Datasheet HTML 4Page - Analog Devices AD9731 Datasheet HTML 5Page - Analog Devices AD9731 Datasheet HTML 6Page - Analog Devices AD9731 Datasheet HTML 7Page - Analog Devices AD9731 Datasheet HTML 8Page - Analog Devices AD9731 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD9731
–5–
REV. A
PIN FUNCTION DESCRIPTION
Pin #
Pin Name
Pin Description
1
D9(MSB)
Most significant data bit of digital input word.
2–9
D8–D1
Eight bits of 10-bit digital input word.
10
D0(LSB)
Least significant data bit of digital input word.
11
CLOCK
TTL-compatible edge-triggered latch enable signal for on-board registers.
12, 13
NC
No internal connection to this pin.
14
DIGITAL +VS
+5 V supply voltage for digital circuitry.
15, 18, 28
GND
Converter Ground.
16
DIGITAL –VS
–5.2 V supply voltage for digital circuitry.
17
RSET
Connection for external reference set resistor; nominal 1.96 k
Ω. Full-scale output current =
32 (Control Amp in V/RSET).
19
ANALOG RETURN
Analog Return. This point and the reference side of the DAC load resistors should be con-
nected to the same potential (nominally ground).
20
IOUT
Analog current output; full-scale current occurs with a digital word input of all “1s.” With
external load resistor, output voltage = IOUT (RLOAD RINTERNAL). RINTERNAL is nominally
240
Ω.
21
IOUTB
Complementary analog current output; full-scale current occurs with a digital word input
of all “0s.”
22
ANALOG –VS
Negative analog supply, nominally –5.2 V.
23
REF IN
Normally connected to CONTROL AMP OUT (Pin 24). Direct line to DAC current
source network. Voltage changes (noise) at this point have a direct effect on the full-scale
output current of the DAC. Full-scale current output = 32 (CONTROL AMP IN/RSET)
when using the internal amplifier. DAC load is virtual ground.
24
CONTROL AMP OUT
Normally connected to REF IN (Pin 23). Output of internal control amplifier which pro-
vides a reference for the current switch network.
25
REF OUT
Normally connected to CONTROL AMP IN (Pin 26). Internal voltage reference, nomi-
nally –1.25 V.
26
CONTROL AMP IN
Normally connected to REF Out (Pin 25) if not connected to external reference.
27
DIGITAL –VS
Negative digital supply, nominally –5.2 V.
PIN CONFIGURATION
GND
DIGITAL –VS
CONTROL AMP IN
REF OUT
CONTROL AMP OUT
REF IN
ANALOG –VS
IOUTB
IOUT
ANALOG RETURN
GND
RSET
DIGITAL –VS
GND
D8
D7
D9(MSB)
D6
D5
D4
D3
D2
D1
D0(LSB)
CLOCK
NC
NC
DIGITAL +VS
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9731
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com