Electronic Components Datasheet Search
  English  ▼

X  

AD9742AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD9742AR
Description  12-Bit, 165 MSPS TxDAC D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9742AR Datasheet HTML 4Page - Analog Devices AD9742AR Datasheet HTML 5Page - Analog Devices AD9742AR Datasheet HTML 6Page - Analog Devices AD9742AR Datasheet HTML 7Page - Analog Devices AD9742AR Datasheet HTML 8Page - Analog Devices AD9742AR Datasheet HTML 9Page - Analog Devices AD9742AR Datasheet HTML 10Page - Analog Devices AD9742AR Datasheet HTML 11Page - Analog Devices AD9742AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD9742
–8–
–40
–20
60
020
40
50
55
60
65
70
75
80
85
90
4MHz
19MHz
34MHz
TEMPERATURE – C
80
49MHz
TPC 12. SFDR vs. Temperature @
165 MSPS, 0 dBFS
16
26
11
16
21
–100
FREQUENCY – MHz
31
fCLOCK = 78MSPS
fOUT1 = 15.0MHz
fOUT2 = 15.4MHz
fOUT3 = 15.8MHz
fOUT4 = 16.2MHz
SFDR = 75dBc
AMPLITUDE = 0dBFS
36
–90
–80
–70
–60
–50
–40
–20
0
–10
–30
TPC 15. Four-Tone SFDR
0
1024
2048
3072
4096
–1.0
–0.5
0
0.5
1.0
CODE
TPC 10. Typical INL
16
26
11
16
21
–100
FREQUENCY – MHz
31
fCLOCK = 78MSPS
fOUT = 15.0MHz
SFDR = 79dBc
AMPLITUDE = 0dBFS
36
–90
–80
–70
–60
–50
–40
–20
0
–10
–30
TPC 13. Single-Tone SFDR
01024
2048
3072
4096
1.0
0.8
–0.6
0.4
0.2
0
CODE
–0.2
–1.0
–0.8
–0.4
0.6
TPC 11. Typical DNL
16
26
11
16
21
–100
FREQUENCY – MHz
31
fCLOCK = 78MSPS
fOUT1 = 15.0MHz
fOUT2 = 15.4MHz
SFDR = 77dBc
AMPLITUDE = 0dBFS
36
–90
–80
–70
–60
–50
–40
–20
0
–10
–30
TPC 14. Dual-Tone SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com