Electronic Components Datasheet Search
  English  ▼

X  

AD9760 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9760
Description  10-Bit, 125 MSPS TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9760 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9760 Datasheet HTML 6Page - Analog Devices AD9760 Datasheet HTML 7Page - Analog Devices AD9760 Datasheet HTML 8Page - Analog Devices AD9760 Datasheet HTML 9Page - Analog Devices AD9760 Datasheet HTML 10Page - Analog Devices AD9760 Datasheet HTML 11Page - Analog Devices AD9760 Datasheet HTML 12Page - Analog Devices AD9760 Datasheet HTML 13Page - Analog Devices AD9760 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
AD9760
–10–
REV. B
FREQUENCY – MSPS
–70
–75
–95
0
20
140
40
60
80
100
120
–80
–85
–90
2ND
HARMONIC
3RD
HARMONIC
4TH
HARMONIC
Figure 30. THD vs. fCLOCK
fOUT = 2 MHz
0.5
–0.2
–0.5
1000
250
500
750
0.4
–0.1
0.1
0
–0.3
0.2
–0.4
0.3
CODE
0
875
125
375
625
Figure 33. Typical INL
0
–100
START: 0.3MHz
STOP: 62.5MHz
fCLOCK = 125MSPS
fOUT = 9.95MHz
SFDR = 62dBc
AMPLITUDE = 0dBFS
Figure 36. Single-Tone SFDR
IREF – mA
80
70
24
20
14
60
50
40
75
65
55
45
6
8
10
12
16
18
2.5MHz
10MHz
22.4MHz
28.6MHz
Figure 31. SFDR vs. fOUT and IOUTFS
@ 100 MSPS, 0 dBFS
0.5
–0.2
1000
250
500
750
0.4
–0.1
0.1
0
0.2
0.3
CODE
0
875
125
375
625
Figure 34. Typical DNL
0
–100
START: 0.3MHz
STOP: 50.0MHz
fCLOCK = 100MSPS
fOUT1 = 13.5MHz
fOUT2 = 14.5MHz
SFDR = 59.0dBc
AMPLITUDE = 0dBFS
Figure 37. Dual-Tone SFDR
OUTPUT FREQUENCY – MHz
75
70
45
1
10
100
60
55
50
65
IDIFF @
–6dBFS
IDIFF @
0dBFS
IOUTA @
–6dBFS
IOUTA @
0dBFS
Figure 32. Differential vs. Single
Ended SFDR vs. fOUT @ 100 MSPS
TEMPERATURE – C
80
75
50
–40
–20
80
60
70
65
60
55
40
20
0
2.5MHz
10MHz
28.6MHz
45
40
Figure 35. SFDR vs. Temperature
@ 100 MSPS, 0 dBFS
–10
–110
START: 0.3MHz
STOP: 25.0MHz
fCLOCK = 50MSPS
fOUT1 = 6.25MHz
fOUT2 = 6.75MHz
fOUT3 = 7.25MHz
fOUT4 = 7.75MHz
SFDR = 71dBc
AMPLITUDE = 0dBFS
Figure 38. Four-Tone SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com