Electronic Components Datasheet Search
  English  ▼

X  

AD9763 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9763
Description  10-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9763 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9763 Datasheet HTML 14Page - Analog Devices AD9763 Datasheet HTML 15Page - Analog Devices AD9763 Datasheet HTML 16Page - Analog Devices AD9763 Datasheet HTML 17Page - Analog Devices AD9763 Datasheet HTML 18Page - Analog Devices AD9763 Datasheet HTML 19Page - Analog Devices AD9763 Datasheet HTML 20Page - Analog Devices AD9763 Datasheet HTML 21Page - Analog Devices AD9763 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. B
AD9763
–18–
(“Q DAC”)
IOUTA
QOUTA
QOUTB
DCOM
FSADJ2
REFIO SLEEP
RSET2
1.9k
0.1 F
CLK2
Q DATA
INPUT
I DATA
INPUT
DVDD
AVDD
500
100
500
500
IIPP
IIPN
IIQP
IIQN
AD6122
CLK1
FSADJ1
RSET1
2k
RCAL
220
500
INPUT
LATCHES
100
500
100
500
100
DAC
LATCHES
DAC
DAC
LATCHES
DAC
(“I DAC”)
INPUT
LATCHES
WRT1
WRT2
ACOM
AD9763
U1
U2
LOIPP
LOIPN
2
PHASE
SPLITTER
REFIN
VGAIN
GAIN
CONTROL
TXOPP
TXOPN
GAIN
CONTROL
SCALE
FACTOR
TEMPERATURE
COMPENSATION
MODOPN
MODOPP
VCC
VCC
3V
500
500
GAINCTRL
IOUTB
Figure 43. CDMA Transmit Application Using AD9763 and AD6122
Figure 43 shows an example of the AD9763 used in a W-CDMA
transmitter application using the AD6122 CDMA 3 V IF sub-
system. The AD6122 has functions, such as external gain con-
trol and low distortion characteristics, needed for the superior
Adjacent Channel Power (ACP) requirements of W-CDMA.
EVALUATION BOARD
General Description
The AD9763-EB is an evaluation board for the AD9763 10-bit
dual D/A converter. Careful attention to layout and circuit
design, combined with a prototyping area, allow the user to
easily and effectively evaluate the AD9763 in any application
where high resolution, high speed conversion is required.
This board allows the user the flexibility to operate the AD9763
in various configurations. Possible output configurations include
transformer coupled, resistor terminated, and single and differ-
ential outputs. The digital inputs can be used in dual port or
interleaved mode, and are designed to be driven from various
word generators, with the on-board option to add a resistor
network for proper load termination. When operating the
AD9763, best performance is obtained when running the Digital
Supply (DVDD) at +3 V and the Analog Supply (AVDD) at
+5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com