Electronic Components Datasheet Search
  English  ▼

X  

AD9764 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9764
Description  14-Bit, 125 MSPS TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9764 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9764 Datasheet HTML 4Page - Analog Devices AD9764 Datasheet HTML 5Page - Analog Devices AD9764 Datasheet HTML 6Page - Analog Devices AD9764 Datasheet HTML 7Page - Analog Devices AD9764 Datasheet HTML 8Page - Analog Devices AD9764 Datasheet HTML 9Page - Analog Devices AD9764 Datasheet HTML 10Page - Analog Devices AD9764 Datasheet HTML 11Page - Analog Devices AD9764 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
REV. B
AD9764
–8–
–70
–75
–95
000.0E+0
40.0E+6
80.0E+6
120.0E+6
–80
–85
–90
2ND HARMONIC
3RD HARMONIC
4TH HARMONIC
Figure 12. THD vs. fCLOCK @
fOUT = 2 MHz
CODE
2.0
–2.0
0
16000
4000
8000
12000
1.5
0.0
–0.5
–1.0
–1.5
1.0
0.5
Figure 15. Typical INL
000.0E+0
7.5E+6
15.0E+6
22.5E+6
0
–10
–90
–50
–60
–70
–80
–20
–40
–30
fCLK = 50MSPS
fOUT = 1.25MHz
SFDR = 78dBc
AMPLITUDE = 0dBFS
Figure 18. Single-Tone SFDR
fCLOCK – MSPS
85
80
60
0
10
100
20
30
40 50
60
70 80 90
75
70
65
IOUTFS = 5mA,
DVDD = +5V
IOUTFS = 5mA,
DVDD = +3V
IOUTFS = 10mA,
DVDD = +5V
IOUTFS = 10mA,
DVDD = +3V
IOUTFS = 20mA,
DVDD = +5V
IOUTFS = 20mA,
DVDD = +3V
Figure 13. SNR vs. fCLOCK @ fOUT =
2.0 MHz
CODE
2.0
–1.0
0
16000
4000
8000
12000
1.5
1.0
0.5
0.0
–0.5
Figure 16. Typical DNL
0E+0
25E+6
5E+6
10E+6
15E+6
20E+6
0
–10
–90
–50
–60
–70
–80
–20
–40
–30
fCLK = 50MSPS
fOUT1 = 6.75MHz
fOUT2 = 7.25MHz
SFDR = 69dBc
AMPLITUDE = 0dBFS
Figure 19. Dual-Tone SFDR
OUTPUT FREQUENCY – MHz
80
70
50
1
10
100
60
IDIFF @ 0dBFS
IDIFF @ –6dBFS
IA @ 0dBFS
IA @ –6dBFS
Figure 14. Differential vs. Single-
Ended SFDR vs. fOUT @ 50 MSPS
TEMPERATURE – C
80
75
50
–40
–20
80
60
70
65
60
55
40
20
0
2.5MHz
10MHz
40MHz
Figure 17. SFDR vs. Temperature
@ 100 MSPS, 0 dBFS
0
–70
–100
–10
–60
–80
–90
–40
–50
–20
–30
000.0E+0
7.5E+6
15.0E+6
22.5E+6
fCLK = 50MSPS
fOUT1 = 6.25MHz
fOUT2 = 6.75MHz
fOUT3 = 7.25MHz
fOUT4 = 7.75MHz
SFDR = 66dBc
AMPLITUDE = 0dBFS
Figure 20. Four-Tone SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com