Electronic Components Datasheet Search
  English  ▼

X  

STR2A60 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # STR2A60
Description  Bi-Directional Triode Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STR2A60 Datasheet(HTML) 2 Page - SemiWell Semiconductor

  STR2A60 Datasheet HTML 1Page - SemiWell Semiconductor STR2A60 Datasheet HTML 2Page - SemiWell Semiconductor STR2A60 Datasheet HTML 3Page - SemiWell Semiconductor STR2A60 Datasheet HTML 4Page - SemiWell Semiconductor STR2A60 Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
TJ = 125 °C
──
0.5
mA
VTM
Peak On-State Voltage
IT = 2.1 A, Inst. Measurement
──
1.6
V
I+GT1
Ⅰ
Gate Trigger Current
VD = 6 V, RL=10 Ω
──
20
mA
I -GT1
Ⅱ
──
20
I -GT3
Ⅲ
──
20
V+GT1
Ⅰ
Gate Trigger Voltage
VD = 6 V, RL=10 Ω
──
1.5
V
V-GT1
Ⅱ
──
1.5
V-GT3
Ⅲ
──
1.5
VGD
Non-Trigger Gate Voltage
TJ = 125 °C, VD = 1/2 VDRM
0.2
──
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ = 125 °C, [di/dt]c = -0.75 A/ms,
VD=2/3 VDRM
5.0
──
V/㎲
IH
Holding Current
─
5
─
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
3.5
°C/W
STR2A60
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com