Electronic Components Datasheet Search
  English  ▼

X  

AD97651 Datasheet(PDF) 19 Page - Analog Devices

Part # AD97651
Description  12-Bit, 125 MSPS Dual TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD97651 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD97651 Datasheet HTML 15Page - Analog Devices AD97651 Datasheet HTML 16Page - Analog Devices AD97651 Datasheet HTML 17Page - Analog Devices AD97651 Datasheet HTML 18Page - Analog Devices AD97651 Datasheet HTML 19Page - Analog Devices AD97651 Datasheet HTML 20Page - Analog Devices AD97651 Datasheet HTML 21Page - Analog Devices AD97651 Datasheet HTML 22Page - Analog Devices AD97651 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
REV. B
AD9765
–19–
14
12
11
9
7
10
13
DGND;8
DVDD;16
TSSOP112
J
CLK
Q
Q
PRE
CLR
U2
K
WHT
TP29
WHT
TP30
WHT
TP31
WHT
TP32
DGND;3,4,5
DGND;3,4,5
DGND;3,4,5
DGND;3,4,5
S1
S2
S3
S4
WRT1IN
IQWRT
CLK1IN
IQCLK
CLK2IN
RESET
WRT2IN
IQSEL
1
2
R1
50
1
2
R2
50
1
2
R3
50
1
2
R4
50
1
2
3
JP5
JP16
1
2
3
A
B
JP4
1
2
3
A
B
JP3
2
3
5
6
4
1
DGND;8
DVDD;16
TSSOP112
1
2
3
A
B
JP7
JP2
JP1
DVDD
1
2
3
A
B
JP6
DVDD
/2 CLOCK DIVIDER
WRT1
CLK1
CLK2
WRT2
WHT
TP33
SLEEP
1
2
R13
50
SLEEP
J
CLK
Q
Q
PRE
CLR
U1
K
DVDD
15
IC
IC
AB
IC
1
2
3
A
B
JP9
DCLKIN1
DCLKIN2
RED
TP10
B1
BAN-JACK
DVDDIN
L1
BEAD
1
2
C9
10 F
25V
BLK
TP37
BLK
TP38
TP43
BLK
BLK
TP39
DGND
DVDD
B2
BAN-JACK
RED
TP11
B3
BAN-JACK
AVDDIN
L2
BEAD
1
2
C10
10 F
25V
BLK
TP40
BLK
TP41
TP44
BLK
BLK
TP42
AGND
AVDD
B4
BAN-JACK
1
2
C7
0.1 F
1
2
C8
0.01 F
DVDD
POWER DECOUPLING AND INPUT CLOCKS
R1
22
INP1
2
1
RCOM
R2
22
INP2
3
R3
22
INP3
4
R4
22
INP4
5
R5
22
INP5
6
R6
22
INP6
7
R7
22
INP7
8
R8
22
INP8
9
R9
22
10
RP16
R1
22
INP9
2
1
RCOM
R2
22
INP10
3
R3
22
INP11
4
R4
22
INP12
5
R5
22
INP13
6
R6
22
INP14
7
R7
22
8
R8
22
INCK1
9
R9
22
10
RP9
R1
22
INP23
2
1
RCOM
R2
22
INP24
3
R3
22
INP25
4
R4
22
INP26
5
R5
22
INP27
6
R6
22
INP28
7
R7
22
INP29
8
R8
22
INP30
9
R9
22
10
RP10
R1
22
INP31
2
1
RCOM
R2
22
INP32
3
R3
22
INP33
4
R4
22
INP34
5
R5
22
INP35
6
R6
22
INP36
7
R7
22
8
R8
22
INCK2
9
R9
22
10
RP15
Figure 45. Power Decoupling and Clocks on AD9765 Evaluation Board
EVALUATION BOARD
General Description
The AD9765-EB is an evaluation board for the AD9765 12-bit
dual D/A converter. Careful attention to layout and circuit
design, combined with a prototyping area, allow the user to
easily and effectively evaluate the AD9765 in any application
where high resolution, high speed conversion is required.
This board allows the user the flexibility to operate the AD9765
in various configurations. Possible output configurations include
transformer coupled, resistor terminated, and single and differ-
ential outputs. The digital inputs can be used in dual port or
interleaved mode, and are designed to be driven from various
word generators, with the on-board option to add a resistor
network for proper load termination. When operating the AD9765,
best performance is obtained by running the Digital Supply
(DVDD) at +3 V and the Analog Supply (AVDD) at +5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com