Electronic Components Datasheet Search
  English  ▼

X  

AD9772A Datasheet(PDF) 6 Page - Analog Devices

Part # AD9772A
Description  14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9772A Datasheet HTML 2Page - Analog Devices AD9772A Datasheet HTML 3Page - Analog Devices AD9772A Datasheet HTML 4Page - Analog Devices AD9772A Datasheet HTML 5Page - Analog Devices AD9772A Datasheet HTML 6Page - Analog Devices AD9772A Datasheet HTML 7Page - Analog Devices AD9772A Datasheet HTML 8Page - Analog Devices AD9772A Datasheet HTML 9Page - Analog Devices AD9772A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. A
AD9772A
–6–
ABSOLUTE MAXIMUM RATINGS
*
Parameter
With Respect to
Min
Max
Unit
AVDD, DVDD1-2, CLKVDD, PLLVDD
ACOM, DCOM, CLKCOM, PLLCOM
–0.3
+4.0
V
AVDD, DVDD1-2, CLKVDD, PLLVDD
AVDD, DVDD1-2, CLKVDD, PLLVDD
–4.0
+4.0
V
ACOM, DCOM1-2, CLKCOM, PLLCOM
ACOM, DCOM1-2, CLKCOM, PLLCOM
–0.3
+0.3
V
REFIO, REFLO, FSADJ, SLEEP
ACOM
–0.3
AVDD + 0.3
V
IOUTA, IOUTB
ACOM
–1.0
AVDD + 0.3
V
DB0–DB13, MOD0, MOD1, PLLLOCK
DCOM1-2
–0.3
DVDD + 0.3
V
CLK+, CLK–
CLKCOM
–0.3
CLKVDD + 0.3
V
DIV0, DIV1, RESET
CLKCOM
–0.3
CLKVDD + 0.3
V
LPF
PLLCOM
–0.3
PLLVDD + 0.3
V
Junction Temperature
125
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended
periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
*
AD9772AAST –40
°C to +85°C 48-Lead LQFP
ST-48
AD9772EB
Evaluation Board
*ST = Thin Plastic Quad Flatpack.
THERMAL CHARACTERISTIC
Thermal Resistance
48-Lead LQFP
θ
JA = 91
°C/W
θJC = 28°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9772A features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com