Electronic Components Datasheet Search
  English  ▼

X  

AD9772EB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9772EB
Description  14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772EB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9772EB Datasheet HTML 8Page - Analog Devices AD9772EB Datasheet HTML 9Page - Analog Devices AD9772EB Datasheet HTML 10Page - Analog Devices AD9772EB Datasheet HTML 11Page - Analog Devices AD9772EB Datasheet HTML 12Page - Analog Devices AD9772EB Datasheet HTML 13Page - Analog Devices AD9772EB Datasheet HTML 14Page - Analog Devices AD9772EB Datasheet HTML 15Page - Analog Devices AD9772EB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
REV. 0
AD9772
–12–
Referring to Figure 23, the “new” 1st image associated with the
DAC’s higher data rate after interpolation is “pushed” out fur-
ther relative to the input signal, since it now occurs at 2
× f
DATA
– fFUNDAMENTAL. The “old” first image associated with the lower
DAC data rate before interpolation is suppressed by the digital
filter. As a result, the transition band for the analog reconstruc-
tion filter is increased, thus reducing the complexity of the ana-
log filter. Furthermore, the sin(x)/x roll-off over the original
input data passband (i.e., dc to fDATA/2) is significantly reduced.
As previously mentioned, the 2
× interpolation filter can be con-
verted into a high pass response, thus suppressing the “funda-
mental” while passing the “original” 1st image occurring at
fDATA – fFUNDAMENTAL. Figure 24 shows the time and frequency
representation for a high pass response of a discrete time sine
wave. This action can also be modeled as a “1/2 wave” digital
mixing process in which the impulse response of the low-pass
filter is digitally mixed with a square wave having a frequency of
2
INTERPOLATION FILTER
2
2
fDATA
INPUT DATA LATCH
fDATA
DAC
2
fDATA
fDATA
DAC'S SIN (X)/X
RESPONSE
1ST IMAGE
SUPPRESSED
1STIMAGE
2
fDATA
fDATA
fFUNDAMENTAL DIGITAL
FILTER
RESPONSE
NEW
1STIMAGE
2
fDATA
fDATA
fFUNDAMENTAL
FREQUENCY
DOMAIN
1/ 2
fDATA
1/
fDATA
TIME
DOMAIN
Figure 23. Time and Frequency Domain Example of Low-Pass 2
× Digital Interpolation Filter
2
INTERPOLATION FILTER
2
2
fDATA
INPUT DATA LATCH
fDATA
DAC
2
fDATA
fDATA
DAC'S SIN (X)/X
RESPONSE
1ST IMAGE
SUPPRESSED
fFUNDAMENTAL
2
fDATA
fDATA
DIGITAL
FILTER
RESPONSE
UPPER AND
LOWER IMAGE
2
fDATA
fDATA
fFUNDAMENTAL
FREQUENCY
DOMAIN
1/ 2
fDATA
1/
fDATA
TIME
DOMAIN
Figure 24. Time and Frequency Domain Example of High-Pass 2
× Digital Interpolation Filter
exactly fDATA/2. Since the even coefficients have a zero value
(refer to Table I), this process simplifies into inverting the cen-
ter coefficient of the low-pass filter (i.e., invert H(18)). Note,
this also corresponds into inverting the peak of the impulse
response shown in Figure 2a. The resulting high pass frequency
response becomes the frequency inverted mirror image of the
low-pass filter response shown in Figure 2b.
It is worth noting that the “new” 1st image now occurs at
fDATA + fFUNDAMENTAL. A reduced transition region of 2
×
fFUNDAMENTAL exists for image selection, thus mandating that
the fFUNDAMENTAL be placed sufficiently high for practical filter-
ing purposes in direct IF applications. Also, the “lower sideband
images” occurring at fDATA – fFUNDAMENTAL and its multiples
(i.e., N
× f
DATA – fFUNDAMENTAL) experience a frequency inver-
sion while the “upper sideband images” occurring at fDATA +
fFUNDAMENTAL and its multiples (i.e., N
× f
DATA + fFUNDAMENTAL)
do not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com