Electronic Components Datasheet Search
  English  ▼

X  

AD9774 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9774
Description  14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9774 Datasheet(HTML) 4 Page - Analog Devices

  AD9774 Datasheet HTML 1Page - Analog Devices AD9774 Datasheet HTML 2Page - Analog Devices AD9774 Datasheet HTML 3Page - Analog Devices AD9774 Datasheet HTML 4Page - Analog Devices AD9774 Datasheet HTML 5Page - Analog Devices AD9774 Datasheet HTML 6Page - Analog Devices AD9774 Datasheet HTML 7Page - Analog Devices AD9774 Datasheet HTML 8Page - Analog Devices AD9774 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
–4–
REV. B
AD9774–SPECIFICATIONS
DIGITAL FILTER SPECIFICATIONS
Parameter
Min
Typ
Max
Units
MAXIMUM INPUT CLOCK RATE (fCLOCK)
DVDD = 5 V
32
MSPS
DVDD = 3 V
25
32
MSPS
DIGITAL FILTER CHARACTERISTICS
Passband Width
1: 0.005 dB
0.410
fOUT/fCLOCK
Passband Width: 0.01 dB
0.414
fOUT/fCLOCK
Passband Width: 0.1 dB
0.420
fOUT/fCLOCK
Passband Width: –3 dB
0.482
fOUT/fCLOCK
LINEAR PHASE (FIR IMPLEMENTATION)
STOPBAND REJECTION
0.591 fCLOCK to 3.419 fCLOCK
–69.5
dB
0.591 fCLOCK to 1.409 fCLOCK
–79.5
dB
GROUP DELAY
2
38
Input Clocks
IMPULSE RESPONSE DURATION
–40 dB
53
Input Clocks
–60 dB
62
Input Clocks
NOTES
1Excludes sinx/x characteristic of DAC.
2Defined as the number of data clock cycles between impulse input and peak of output response.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = +2.7 V to +5.5 V, DVDD = +2.7 V to +5.5 V, IOUTFS = 20 mA unless
otherwise noted)
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
to
Min
Max
Units
AVDD
ACOM
–0.3
+6.5
V
DVDD
DCOM
–0.3
+6.5
V
PLLVDD
PLLCOM
–0.3
+6.5
V
ACOM
DCOM
–0.3
+0.3
V
PLLCOM
ACOM
–0.3
+0.3
V
PLLCOM
DCOM
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
PLLVDD
DVDD
–0.3
+6.5
V
PLLVDD
AVDD
–0.3
+6.5
V
CLKIN, CLK4
×IN
DVDD
–0.3
+6.5
V
SLEEP, SNOOZE
DCOM
–0.3
DVDD + 0.3
V
Digital Inputs
DCOM
–0.3
DVDD + 0.3
V
PLL DIVIDE, LPF
ACOM
–0.3
PLLVDD + 0.3 V
PLLLOCK
ACOM
–0.3
PLLVDD + 0.3 V
VCO IN/EXT
ACOM
–0.3
PLLVDD + 0.3 V
IOUTA/IOUTB
ACOM
–0.3
AVDD + 0.3
V
REFIO, FSADJ
ACOM
–0.3
AVDD + 0.3
V
FSADJ
ACOM
–0.3
AVDD + 0.3
V
ICOMP
ACOM
–0.3
AVDD + 0.3
V
REFCOM
ACOM
–0.3
+0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
+300
°C
(10 sec)
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD9774AS
–40
°C to +85°C
44-Lead MQFP
S-44
AD9774EB
Evaluation Board
*S = Metric Quad Flatpack.
THERMAL CHARACTERISTIC
Thermal Resistance
44-Lead MQFP
θ
JA = 53.2°C/W
θ
JC = 19°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com