Electronic Components Datasheet Search
  English  ▼

X  

AD9777 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9777
Description  16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9777 Datasheet(HTML) 4 Page - Analog Devices

  AD9777 Datasheet HTML 1Page - Analog Devices AD9777 Datasheet HTML 2Page - Analog Devices AD9777 Datasheet HTML 3Page - Analog Devices AD9777 Datasheet HTML 4Page - Analog Devices AD9777 Datasheet HTML 5Page - Analog Devices AD9777 Datasheet HTML 6Page - Analog Devices AD9777 Datasheet HTML 7Page - Analog Devices AD9777 Datasheet HTML 8Page - Analog Devices AD9777 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
REV. 0
–4–
AD9777
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum DAC Output Update Rate (fDAC)
400
MSPS
Output Settling Time (tST) (to 0.025%)
11
ns
Output Rise Time (10% to 90%)
*
0.8
ns
Output Fall Time (10% to 90%)
*
0.8
ns
Output Noise (IOUTFS = 20 mA)
50
pA
√Hz
AC LINEARITY—BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 100 MSPS, fOUT = 1 MHz
71
85
dBc
fDATA = 65 MSPS, fOUT = 1 MHz
85
dBc
fDATA = 65 MSPS, fOUT = 15 MHz
84
dBc
fDATA = 78 MSPS, fOUT = 1 MHz
85
dBc
fDATA = 78 MSPS, fOUT = 15 MHz
83
dBc
fDATA = 160 MSPS, fOUT = 1 MHz
85
dBc
fDATA = 160 MSPS, fOUT = 15 MHz
83
dBc
Spurious-Free Dynamic Range within a 1 MHz Window
(fOUT = 0 dBFS, fDATA = 100 MSPS, fOUT = 1 MHz)
73
99.1
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = –6 dBFS)
fDATA = 65 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
85
dBc
fDATA = 65 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
78
dBc
fDATA = 78 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
85
dBc
fDATA = 78 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
78
dBc
fDATA = 160 MSPS, fOUT1 = 10 MHz; fOUT2 = 11 MHz
85
dBc
fDATA = 160 MSPS, fOUT1 = 20 MHz; fOUT2 = 21 MHz
84
dBc
Total Harmonic Distortion (THD)
fDATA = 100 MSPS, fOUT = 1 MHz; 0 dBFS
–71
–83
dB
Signal-to-Noise Ratio (SNR)
fDATA = 78 MSPS, fOUT = 5 MHz; 0 dBFS
79
dB
fDATA = 160 MSPS, fOUT = 5 MHz; 0 dBFS
75
dB
Adjacent Channel Power Ratio (ACLR)
WCDMA with MHz BW, MHz Channel Spacing
IF = Baseband, fDATA = 76.8 MSPS
77
dBc
IF = 19.2 MHz, fDATA = 76.8 MSPS
73
dBc
Four-Tone Intermodulation
21 MHz, 22 MHz, 23 MHz, and 24 MHz at –12 dBFS
76
dBFS
(fDATA = MSPS, Missing Center)
AC LINEARITY—IF MODE
Four-Tone Intermodulation at IF = 200 MHz
201 MHz, 202 MHz, 203 MHz, and 204 MHz at –12 dBFS
72
dBFS
(fDATA = 160 MSPS, fDAC = 320 MHz)
*Measured single ended into 50
Ω load.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 0 V, IOUTFS = 20 mA,
Interpolation = 2 , Differential Transformer Coupled Output, 50
Doubly Terminated,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com