Electronic Components Datasheet Search
  English  ▼

X  

AD9802JST Datasheet(PDF) 8 Page - Analog Devices

Part # AD9802JST
Description  CCD Signal Processor For Electronic Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9802JST Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9802JST Datasheet HTML 4Page - Analog Devices AD9802JST Datasheet HTML 5Page - Analog Devices AD9802JST Datasheet HTML 6Page - Analog Devices AD9802JST Datasheet HTML 7Page - Analog Devices AD9802JST Datasheet HTML 8Page - Analog Devices AD9802JST Datasheet HTML 9Page - Analog Devices AD9802JST Datasheet HTML 10Page - Analog Devices AD9802JST Datasheet HTML 11Page - Analog Devices AD9802JST Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9802
–8–
REV. 0
THEORY OF OPERATION
Introduction
The AD9802 is a 10-bit analog-to-digital interface for CCD
cameras. The block level diagram of the system is shown in
Figure 14. The device includes a correlated double sampler
(CDS), 0 dB–31 dB variable gain amplifier (PGA), black level
correction loop, input clamp and voltage reference. The only
external analog circuitry required at the system level is an emit-
ter follower buffer between the CCD output and AD9802
inputs.
CLAMP
CDS
BLACK
LEVEL
PGA
10-BIT
ADC
REF
OUT
GAIN
IN
Figure 14.
Correlated Double Sampling (CDS)
CDS is important in high performance CCD systems as a method
for removing several types of noise. Basically, two samples of the
CCD output are taken: one with the signal present (data) and one
without (reference). Subtracting these two samples removes
any noise that is common to—or correlates with—both.
Figure 15 shows the block diagram of the AD9802’s CDS. The
S/H blocks are directly driven by the input and the sampling
function is performed passively, without the use of amplifiers.
This implementation relies on the off-chip emitter follower
buffer to drive the two 10 pF sampling capacitors. Only one
capacitor at a time is seen at the input pin.
The AD9802 actually uses two CDS circuits in a “ping-pong”
fashion to allow the system more acquisition time. In this way,
the output from one of the two CDS blocks will be valid for an
entire clock cycle. Thus, the bandwidth requirement of the
subsequent gain stage is reduced as compared to that for a
single CDS channel system. This lower bandwidth translates to
lower power and noise.
10pF
Q1
S/H
Q2
S/H
S
OUT
FROM
CCD
Figure 15.
Programmable Gain Amplifier (PGA)
The on-chip PGA provides a (linear in dB) gain range of 0 dB–
31.5 dB. A typical gain characteristic plot is shown in Figure 16.
Only the range from 0.3 V to 2.7 V is intended for actual use.
PGACONT1 – Volts
35
–15
03
0.5
1
1.5
2
2.5
30
15
0
–5
–10
25
20
10
5
Figure 16.
As shown in Figure 17, PGA control is provided through the
PGACONT1 and PGACONT2 inputs. PGACONT1 provides
coarse, and PGACONT2 fine (1/16), gain control.
A
PGACONT1
PGACONT2
PGACONT1 = COARSE CONTROL
PGACONT2 = FINE (1/16) CONTROL
Figure 17.
Black Level Clamping
For correct processing, the CCD signal must be referenced to a
well established “black level” by the AD9802. At the edge of the
CCD, there is a collection of pixels covered with metal to pre-
vent any light penetration. As the CCD is read out, these “black
pixels” provide a calibration signal that is used to establish the
black level.
The feedback loop shown in Figure 18 is closed around the
PGA during the calibration interval (CLPOB = LOW) to set the
black level. As the black pixels are being processed, an integra-
tor block measures the difference between the input level and
the desired reference level. This difference, or error, signal is
amplified and passed to the CDS block where it is added to the
incoming pixel data. As a result of this process, the black pixels
are digitized at one end of the ADC range, taking maximum
advantage of the available linear range of the system.
PGA
ADC
IN
CLPOB
NEG REF
INTEGRATOR
CDS
Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com