Electronic Components Datasheet Search
  English  ▼

X  

AD9806KST Datasheet(PDF) 7 Page - Analog Devices

Part # AD9806KST
Description  Complete 10-Bit 18 MSPS CCD Signal Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9806KST Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9806KST Datasheet HTML 3Page - Analog Devices AD9806KST Datasheet HTML 4Page - Analog Devices AD9806KST Datasheet HTML 5Page - Analog Devices AD9806KST Datasheet HTML 6Page - Analog Devices AD9806KST Datasheet HTML 7Page - Analog Devices AD9806KST Datasheet HTML 8Page - Analog Devices AD9806KST Datasheet HTML 9Page - Analog Devices AD9806KST Datasheet HTML 10Page - Analog Devices AD9806KST Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
AD9806
–7–
TIMING SPECIFICATIONS
N
N+1
N+2
N+3
N+4
tINHIBIT
tID
tID
tOD
tHOLD
ADCCLK RISING EDGE PLACEMENT
N–0N–9N–8N–7N–6N–5
CCD
SHP
SHD
ADCCLK
D0–D9
NOTES:
1. SHP AND SHD SHOULD BE OPTIMALLY ALIGNED WITH THE CCD SIGNAL. SAMPLES ARE TAKEN AT THE RISING EDGES.
2. ADCCLK RISING EDGE MUST OCCUR AT LEAST 15ns AFTER THE RISING EDGE OF SHP (
tINHIBIT).
3. RECOMMENDED PLACEMENT FOR ADCCLK RISING EDGE IS BETWEEN THE RISING EDGE OF SHD AND FALLING EDGE OF SHP.
4. OUTPUT LATENCY IS 9 CYCLES.
5. ACTIVE LOW CLOCK PULSE MODE IS SHOWN.
Figure 1. CCD-MODE Timing
tID
tOD
tHOLD
N
N+1
N+2
N+3
N+4
N–9N–8N–7
N+5
VIDEO
INPUT
ADCCLK
D0–D9
N–6N–5
NOTE:
EXAMPLE OF OUTPUT DATA LATCHED BY ADCCLK RISING EDGE.
Figure 2. AUX-, AUXMID-, ADC-Mode Timing
CCD
SIGNAL
CLPOB
CLPDM
PBLK
EFFECTIVE
PIXELS
OPTICAL BLACK
BLANKING
INTERVAL
DUMMY BLACK
EFFECTIVE
PIXELS
NOTES:
1. CLPOB PULSEWIDTH SHOULD BE A MINIMUM OF 10 OB PIXELS WIDE, 20 OB PIXELS ARE RECOMMENDED.
2. CLPDM PULSEWIDTH SHOULD BE AT LEAST 1 s WIDE.
3. PBLK IS NOT REQUIRED, BUT RECOMMENDED IF THE CCD SIGNAL AMPLITUDE EXCEEDS 1V p-p.
4. CLPDM OVERWRITES PBLK.
5. ACTIVE LOW CLAMP PULSE MODE IS SHOWN.
Figure 3. CCD-MODE Clamp Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com