Electronic Components Datasheet Search
  English  ▼

X  

AD9814 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9814
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9814 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9814 Datasheet HTML 6Page - Analog Devices AD9814 Datasheet HTML 7Page - Analog Devices AD9814 Datasheet HTML 8Page - Analog Devices AD9814 Datasheet HTML 9Page - Analog Devices AD9814 Datasheet HTML 10Page - Analog Devices AD9814 Datasheet HTML 11Page - Analog Devices AD9814 Datasheet HTML 12Page - Analog Devices AD9814 Datasheet HTML 13Page - Analog Devices AD9814 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
REV. 0
AD9814
–10–
INTERNAL REGISTER DESCRIPTIONS
Table I. Internal Register Map
Register
Address
Data Bits
Name
A2
A1
A0
D8
D7
D6
D5
D4
D3
D2
D1
D0
Configuration
0
0
0
0
Input Rng
VREF
3Ch/1Ch
CDS On
Clamp
Pwr Dn
0
0
MUX
0
0
1
0
RGB/BGR
Red
Green
Blue
0
0
0
0
Red PGA
0
1
0
0
0
0
MSB
LSB
Green PGA
0
1
1
0
0
0
MSB
LSB
Blue PGA
1
0
0
0
0
0
MSB
LSB
Red Offset
1
0
1
MSB
LSB
Green Offset
1
1
0
MSB
LSB
Blue Offset
1
1
1
MSB
LSB
Configuration Register
The Configuration Register controls the AD9814’s operating mode and bias levels. Bits D8, D1 and D0 should always be set low. Bit
D7 sets the full-scale voltage range of the AD9814’s A/D converter to either 4 V (high) or 2 V (low). Bit D6 controls the internal
voltage reference. If the AD9814’s internal voltage reference is used, this bit is set high. Setting Bit D6 low will disable the internal
voltage reference, allowing an external voltage reference to be used. Bit D5 will configure the AD9814 for either the 3-Channel (high)
or 1-Channel (low) mode of operation. Setting Bit D4 high will enable the CDS mode of operation, and setting this bit low will en-
able the SHA mode of operation. Bit D3 sets the dc bias level of the AD9814’s input clamp. This bit should always be set high for
the 4 V clamp bias, unless a CCD with a reset feedthrough transient exceeding 2 V is used. If the 3 V clamp bias level is used, the
peak-to-peak input signal range to the AD9814 is reduced to 3 V maximum. Bit D2 controls the power-down mode. Setting Bit D2
high will place the AD9814 into a very low power “sleep” mode. All register contents are retained while the AD9814 is in the pow-
ered-down state.
Table II. Configuration Register Settings
D8
D7
D6
D5
D4
D3
D2
D1
D0
Set
Input Range
Internal VREF
# of Channels
CDS Operation
Input Clamp Bias
Power-Down
Set
Set
to
1 = 4 V*
1 = Enabled*
1 = 3-Ch Mode*
1 = CDS Mode*
1 = 4 V*
1 = On
to
to
0
0 = 2 V
0 = Disabled
0 = 1-Ch Mode
0 = SHA Mode
0 = 3 V
0 = Off (Normal)* 00
*Power-on default value.
MUX Register
The MUX Register controls the sampling channel order in the AD9814. Bits D8, D3, D2, D1, and D0 should always be set low. Bit
D7 is used when operating in 3-Channel Mode. Setting Bit D7 high will sequence the MUX to sample the red channel first, then the
green channel and then the blue channel. When in this mode, the CDSCLK2 pulse always resets the MUX to sample the red channel
first (see Timing Figure 1). When Bit D7 is set low, the channel order is reversed to blue first, green second and red third. The
CDSCLK2 pulse will always reset the MUX to sample the blue channel first. Bits D6, D5, and D4 are used when operating in
1-Channel Mode. Bit D6 is set high to sample the red channel. Bit D5 is set high to sample the green channel. Bit D4 is set high to
sample the blue channel. The MUX will remain stationary during 1-Channel Mode.
Table III. MUX Register Settings
D8
D7
D6
D5
D4
D3
D2
D1
D0
Set
3-Channel Select
1-Channel Select
1-Channel Select
1-Channel Select
Set
Set
Set
Set
to
1 = R-G-B*
1 = RED*
1 = GREEN
1 = BLUE
to
to
to
to
0
0 = B-G-R
0 = Off
0 = Off*
0 = Off*
00
0
0
*Power-on default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com