Electronic Components Datasheet Search
  English  ▼

X  

AD9816-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9816-EB
Description  Complete 12-Bit 6 MSPS CCD/CIS Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9816-EB Datasheet(HTML) 3 Page - Analog Devices

  AD9816-EB Datasheet HTML 1Page - Analog Devices AD9816-EB Datasheet HTML 2Page - Analog Devices AD9816-EB Datasheet HTML 3Page - Analog Devices AD9816-EB Datasheet HTML 4Page - Analog Devices AD9816-EB Datasheet HTML 5Page - Analog Devices AD9816-EB Datasheet HTML 6Page - Analog Devices AD9816-EB Datasheet HTML 7Page - Analog Devices AD9816-EB Datasheet HTML 8Page - Analog Devices AD9816-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. A
AD9816
DIGITAL SPECIFICATIONS (T
MIN to TMAX with AVDD = +5.0 V, DVDD = +5.0 V, DRVDD = +5.0 V, fADCCLK = 6 MHz,
fCDSCLK1 = 2 MHz, fCDSCLK2 = 2 MHz, CL = 10 pF unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Units
LOGIC INPUTS
High Level Input Voltage
VIH
3.5
V
Low Level Input Voltage
VIL
1.0
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage
VOH
4.5
V
Low Level Output Voltage
VOL
0.1
V
High Level Output Current
IOH
50
µA
Low Level Output Current
IOL
50
µA
Specifications subject to change without notice.
TIMING SPECIFICATIONS (T
MIN to TMAX with DVDD = +5.0 V, DRVDD = +5.0 V)
Parameter
Symbol
Min
Typ
Max
Units
CLOCK PARAMETERS
3-Channel Conversion Rate
tCRA
500
ns
1-Channel Conversion Rate
tCRB
160
ns
ADCCLK Pulsewidth
tADCLK
80
ns
CDSCLK1 Pulsewidth
tC1
20
ns
CDSCLK2 Pulsewidth
tC2
60
2 tADCLK – 30
ns
CDSCLK1 Falling to CDSCLK2 Rising
tC1C2
5ns
ADCCLK Falling to CDSCLK2 Rising
tADC2
0ns
CDSCLK2 Falling to ADCCLK Falling
tC2AD
30
ns
CDSCLK2 Falling to CDSCLK1 Rising
tC2C1
10
ns
Aperture Delay for CDS Clocks
tAD
10
ns
SERIAL INTERFACE
Maximum SCLK Frequency
fSCLK
10
MHz
SLOAD to SCLK Set-Up Time
tLS
10
ns
SCLK to SLOAD Hold Time
tLH
10
ns
SDATA to SCLK Rising Set-Up Time
tDS
10
ns
SCLK Rising to SDATA Hold Time
tDH
10
ns
SCLK Falling to SDATA Valid
tRDV
10
ns
DATA OUTPUT
Output Delay
tOD
13
ns
3-State to Data Valid
tDV
15
ns
Output Enable High to 3-State
tHZ
5ns
Latency (Pipeline Delay)
3 (Fixed)
ADCCLK Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com