Electronic Components Datasheet Search
  English  ▼

X  

AD9844A Datasheet(PDF) 2 Page - Analog Devices

Part # AD9844A
Description  Complete 12-Bit 20 MSPS CCD Signal Processor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9844A Datasheet(HTML) 2 Page - Analog Devices

  AD9844A Datasheet HTML 1Page - Analog Devices AD9844A Datasheet HTML 2Page - Analog Devices AD9844A Datasheet HTML 3Page - Analog Devices AD9844A Datasheet HTML 4Page - Analog Devices AD9844A Datasheet HTML 5Page - Analog Devices AD9844A Datasheet HTML 6Page - Analog Devices AD9844A Datasheet HTML 7Page - Analog Devices AD9844A Datasheet HTML 8Page - Analog Devices AD9844A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD9844A–SPECIFICATIONS
GENERAL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
TEMPERATURE RANGE
Operating
–20
+85
°C
Storage
–65
+150
°C
POWER SUPPLY VOLTAGE
Analog, Digital, Digital Driver
2.7
3.6
V
POWER CONSUMPTION
Normal Operation
(Specified Under Each Mode of Operation)
Power-Down Modes
Fast Recovery Mode
45
mW
Standby
5
mW
Total Power-Down
1
mW
MAXIMUM CLOCK RATE
20
MHz
A/D CONVERTER
Resolution
12
Bits
Differential Nonlinearity (DNL)
±0.5
±1.0
LSB
No Missing Codes
12
Bits Guaranteed
Full-Scale Input Voltage
2.0
V
Data Output Coding
Straight Binary
VOLTAGE REFERENCE
Reference Top Voltage (VRT)
2.0
V
Reference Bottom Voltage (VRB)
1.0
V
Specifications subject to change without notice.
DIGITAL SPECIFICATIONS
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
2.1
V
Low Level Input Voltage
VIL
0.6
V
High Level Input Current
IIH
10
µA
Low Level Input Current
IIL
10
µA
Input Capacitance
CIN
10
pF
LOGIC OUTPUTS
High Level Output Voltage, IOH = 2 mA
VOH
2.2
V
Low Level Output Voltage, IOL = 2 mA
VOL
0.5
V
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = DVDD = 3.0 V, fDATACLK = 20 MHz, unless otherwise noted.)
(DRVDD = 2.7 V, CL = 20 pF unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com