Electronic Components Datasheet Search
  English  ▼

X  

AOL1202 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOL1202
Description  30V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOL1202 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOL1202 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOL1202 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOL1202 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOL1202 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOL1202 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOL1202 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOL1202
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
DSS
2
E
= 1/2 LI
dI/dt
I RM
rr
Vdd
Vdd
Q
= - Idt
AR
AR
t
rr
Rev 0: December 2009
www.aosmd.com
Page 6 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com