Electronic Components Datasheet Search
  English  ▼

X  

AD9849KST Datasheet(PDF) 17 Page - Analog Devices

Part # AD9849KST
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9849KST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9849KST Datasheet HTML 13Page - Analog Devices AD9849KST Datasheet HTML 14Page - Analog Devices AD9849KST Datasheet HTML 15Page - Analog Devices AD9849KST Datasheet HTML 16Page - Analog Devices AD9849KST Datasheet HTML 17Page - Analog Devices AD9849KST Datasheet HTML 18Page - Analog Devices AD9849KST Datasheet HTML 19Page - Analog Devices AD9849KST Datasheet HTML 20Page - Analog Devices AD9849KST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
REV. 0
AD9848/AD9849
–17–
Bit
Default
Address
Content
Width
Value
Register Name
Register Description
PBLK
# Bits
146
C5
[0]
1
01
pblkdir
PBLK Internal/External (0 = Internal, 1 = External)
C6
[0]
1
00
pblkpol
PBLK External Active Polarity (0 = Low Active,
1 = High Active)
C7
[0]
1
01
pblkspol0
Sequence #0: Start Polarity for PBLK
C8
[5:0]
6
3D
pblktog1_0[5:0]
Sequence #0: Toggle Position 1 for PBLK
C9
[5:0]
6
00
pblktog1_0[11:6]
CA
[5:0]
6
2A
pblkbtog2_0[5:0]
Sequence #0: Toggle Position 2 for PBLK
CB
[5:0]
6
06
pblkbtog2_0[11:6]
CC
[0]
1
00
pblkspol1
Sequence #1: Start Polarity for PBLK
CD
[5:0]
6
2A
pblktog1_1[5:0]
Sequence #1: Toggle Position 1 for PBLK
CE
[5:0]
6
06
pblktog1_1[11:6]
CF
[5:0]
6
3F
pblktog2_1[5:0]
Sequence #1: Toggle Position 2 for PBLK
D0
[5:0]
6
3F
pblktog2_1[11:6]
D1
[0]
1
00
pblkspol2
Sequence #2: Start Polarity for PBLK
D2
[5:0]
6
3F
pblktog1_2[5:0]
Sequence #2: Toggle Position 1 for PBLK
D3
[5:0]
6
3F
pblktog1_2[11:6]
D4
[5:0]
6
3F
pblktog2_2[5:0]
Sequence #2: Toggle Position 2 for PBLK
D5
[5:0]
6
3F
pblktog2_2[11:6]
D6
[0]
1
01
pblkspol3
Sequence #3: Start Polarity for PBLK
D7
[5:0]
6
3F
pblktog1_3[5:0]
Sequence #3: Toggle Position 1 for PBLK
D8
[5:0]
6
3F
pblktog1_3[11:6]
D9
[5:0]
6
3F
pblktog2_3[5:0]
Sequence #3: Toggle Position 2 for PBLK
DA
[5:0]
6
3F
pblktog2_3[11:6]
0
00
pblkscp0
PBLK Sequence-Change-Position #0 (hardcoded to 0)
DB
[1:0]
2
02
pblksptr0
PBLK Sequence Pointer for SCP #0
DC
[5:0]
6
01
pblkscp1[5:0]
PBLK Sequence-Change-Position #1
DD
[5:0]
6
00
pblkscp1[11:6]
DE
[1:0]
2
01
pblksptr1
PBLK Sequence Pointer for SCP #1
DF
[5:0]
6
02
pblkscp2[5:0]
PBLK Sequence-Change-Position #2
E0
[5:0]
6
00
pblkscp2[11:6]
E1
[1:0]
2
00
pblksptr2
PBLK Sequence Pointer for SCP #2
E2
[5:0]
6
37
pblkscp3[5:0]
PBLK Sequence-Change-Position #3
E3
[5:0]
6
03
pblkscp3[11:6]
E4
[1:0]
2
02
pblksptr3
PBLK Sequence Pointer for SCP #3
H1–H4, RG, SHP, SHD
# Bits
53
E5
[0]
1
00
h1pol
H1/H2 Polarity Control (0 = No Inversion, 1 = Inversion)
E6
[5:0]
6
00
h1posloc
H1 Positive Edge Location
E7
[5:0]
6
20
h1negloc
H1 Negative Edge Location
E8
[2:0]
3
03
h1drv
H1 Drive Strength (0 = OFF, 1 = 3.5 mA, 2 = 7 mA,
3 = 10.5 mA, 4 = 14 mA, 5 = 17.5 mA, 6 = 21 mA,
7 = 24.5 mA)
E9
[2:0]
3
03
h2drv
H2 Drive Strength
EA
[2:0]
3
03
h3drv
H3 Drive Strength
EB
[2:0]
3
03
h4drv
H4 Drive Strength
EC
[0]
1
00
rgpol
RG Polarity Control (0 = No Inversion, 1 = Inversion)
ED
[5:0]
6
00
rgposloc
RG Positive Edge Location
EE
[5:0]
6
10
rgnegloc
RG Negative Edge Location
EF
[2:0]
3
02
rgdrv
RG Drive Strength (0 = OFF, 1 = 3.5 mA, 2 = 7 mA, 3 =
10.5 mA, 4 = 14 mA, 5 = 17.5 mA, 6 = 21 mA, 7 = 24.5 mA)
F0
[5:0]
6
24
shpposloc
SHP (Positive) Edge Sampling Location
F1
[5:0]
6
00
shdposloc
SHD (Positive) Edge Sampling Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com