Electronic Components Datasheet Search
  English  ▼

X  

AD9854ASQ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9854ASQ
Description  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9854ASQ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9854ASQ Datasheet HTML 36Page - Analog Devices AD9854ASQ Datasheet HTML 37Page - Analog Devices AD9854ASQ Datasheet HTML 38Page - Analog Devices AD9854ASQ Datasheet HTML 39Page - Analog Devices AD9854ASQ Datasheet HTML 40Page - Analog Devices AD9854ASQ Datasheet HTML 41Page - Analog Devices AD9854ASQ Datasheet HTML 42Page - Analog Devices AD9854ASQ Datasheet HTML 43Page - Analog Devices AD9854ASQ Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
AD9854
–40–
REV. 0
Customer Evaluation Board REV C, Bill of Material
#
Quantity
REFDES
Device
Package
Value
1
5
C1, C2, C35, C36, C45
Chip Cap
0805
0.01
µF
2
23
C3, C7, C8, C9, C10, C11, C12, C13, C14,
Chip Cap
0805
0.1
µF
C15, C16, C17, C18, C19, C20, C22, C23,
C24, C26, C27, C28, C29, C44
3
2
C4, C37
0805
0805
27 pF
4
2
C5, C38
0805
0805
47 pF
5
3
C6, C21, C25
BCAPTAJD
TAJD
10
µF
6
2
C30, C39
0805
0805
39 pF
2
C31, C40
0805
0805
22 pF
8
2
C32, C41
0805
0805
2.2 pF
9
2
C33, C42
0805
0805
12 pF
10
2
C34, C43
0805
0805
8.2 pF
11
7
J1, J2, J3, J4, J5, J6, J7
Conn
BNC
12
1
PCB
GS02669REVC
13
1
J10
40CONN
SAM5-40
14
4
L1, L2, L3, L5
Chip Ind
1206
68NH
15
2
L4, L6
Chip Ind
1206
82NH
16
2
R1, R5
RES_SM
1206
51
17
2
R2, R20
RES_SM
1206
3900
18
2
R3, R7
RES_SM
1206
24
19
1
R4
RES_SM
1206
1300
20
3
R6, R8, R19
RES_SM
1206
50
21
2
R9, R10
RES_SM
1206
100
22
2
R11, R14
RES_SM
1206
160
23
2
R12, R13
RES_SM
1206
260
24
4
R15, R16, R17, R18
RES_SM
1206
10K
25
1
RP1
RP1
SIP-10P
10K
26
1
TB
TB4
TB4
27
1
U1
AD9854
80LQFP
28
1
U2
74HC125A
SO14
29
1
U3
MC100LVEL1
SO8NB
30
4
U4, U5, U6, U7
74HC14
SO14
31
3
U8, U9, U10
74HC574
SO20WB
32
1
U11
36PINCONN
CONN
33
7
W1, W2, W3, W4, W5, W8, W9
JUMP3PIN
SIP-3P
34
8
W6, W7, W10, W11, W12, W14, W15, W16
2PINJUMP
2PINJUMP
35
1
Y1
XTAL
COSC
36
4
PIN SOCK
Amp 5-330808-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com