Electronic Components Datasheet Search
  English  ▼

X  

AD9873 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9873
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9873 Datasheet HTML 24Page - Analog Devices AD9873 Datasheet HTML 25Page - Analog Devices AD9873 Datasheet HTML 26Page - Analog Devices AD9873 Datasheet HTML 27Page - Analog Devices AD9873 Datasheet HTML 28Page - Analog Devices AD9873 Datasheet HTML 29Page - Analog Devices AD9873 Datasheet HTML 30Page - Analog Devices AD9873 Datasheet HTML 31Page - Analog Devices AD9873 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
REV. 0
AD9873
–28–
X
Q
I
Z
X
Figure 13. 16-Quadrature Modulation
Tx Signal Level Considerations
The quadrature modulator itself introduces a maximum gain of
3 dB in signal level. To visualize this, assume that both the I data
and Q data are fixed at the maximum possible digital value, x.
Then the output of the modulator, z, is:
z = [x cos(
ωt) – x sin(ωt)]
It can be shown that z assumes a maximum value of
zx
x
x
=+
() =
22
2 (a gain of +3 dB). However, if the same
number of bits were used to represent the z values, as is used to
represent the x values, an overflow would occur. To prevent this
possibility, an effective –3 dB attenuation is internally imple-
mented on the I and Q data path.
zx
=+
() =
12 12
//
The following example assumes a Pk/rms level of 10 dB:
Maximum Symbol Component Input Value =
(2047 LSBs – 0.2 dB) =
2000 LSBs
Maximum Complex Input rms Value =
2000 LSBs + 6 dB – Pk/rms(dB) = 1265 LSBs rms
Maximum Complex Input rms Value calculation uses both I and
Q symbol components which adds a factor of 2 (= 6 dB) to
the formula.
Table IV. I–Q Input Test Signals
Input Level
Modulator Output Level
Single-Tone (fc – f)
I = cos(f)
FS – 0.2 dB
FS – 3.0 dB
Q = cos(f + 90 ) = –sin(f)
FS – 0.2 dB
Single-Tone (fc + f)
I = cos(f)
FS – 0.2 dB
FS – 3.0 dB
Q = cos(f + 270 ) = sin(f)
FS – 0.2 dB
Dual-Tone (fc
f)
I = cos(f)
FS – 0.2 dB
FS
Q = cos(f + 180 ) = –cos(f) or Q = cos(f)
FS – 0.2 dB
If INV SINC filter is enabled, an insertion loss of ~1.4 dB (for low
frequencies) occurs at the DAC output (see Figure 12a, 12b).
Programming the AD9873 to single-tone transmit mode while
disabling the INV SINC filter (address 0Fh) generates a maximum
(FS) amplitude single tone with a frequency (fc) determined by
the associated frequency tuning word.
Table IV shows typical I–Q input test signals with amplitude levels
related to 12-bit full scale (FS).
Tx Throughput and Latency
Data inputs effect the output fairly quickly but remain effective
due to AD9873’s filter characteristics. Data transmit latency
through the AD9873 is easiest to describe in terms of fSYSCLK
clock cycles (4 fMCLK). The numbers quoted are when an effect
is first seen after an input value change.
Latency of I/Q data entering the data assembler (AD9873 input)
to the DAC output is 119 fSYSCLK clock cycles (29.75 fMCLK
cycles). DC values applied to the data assembler input will take
up to 176 fSYSCLK clock cycles (44 fMCLK cycles) to propagate and
settle at the DAC output. Enabling the Inverse SINC Filter adds
only 2 fSYSCLK clock cycles latency.
Frequency hopping is accomplished via changing the PROFILE
input pins. The time required to switch from one frequency
to another is less than 234 fSYSCLK cycles with the Inverse SINC
Filter engaged. With the Inverse SINC Filter bypassed, the
latency drops to less than 232 fSYSCLK cycles (58.5 fMCLK cycles).
D/A Converter
A 12-bit digital-to-analog converter (DAC) is used to convert
the digitally processed waveform into an analog signal. The worst-
case spurious signals due to the DAC are the harmonics of the
fundamental signal and their aliases. (Please see the AD9851 data
sheet for a detailed explanation of aliased images.) The wideband
12-bit DAC in the AD9873 maintains spurious-free dynamic
range (SFDR) performance of 59 dBc up to fOUT = 42 MHz
and 54 dBc up to fOUT = 65 MHz. The conversion process will
produce aliased components of the fundamental signal at n
fSYSCLK
fCARRIER (n = 1, 2, 3). These are typically filtered with
an external RLC filter at the DAC output. It is important for
DAC
INV
SINC
FILTER
0dB
1.4dB
12
HBF + CIC
INTERPOLATOR
+0.2dB
HBF + CIC
INTERPOLATOR
+0.2dB
ATTENUATOR
–3dB
MODULATOR
3dB MAX
I
OO
I
12
12
I
O
COMPLEX
DATA
INPUT
ATTENUATOR
–3dB
TWO'S COMPLEMENT FORMAT
Figure 14. Signal Level Contribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com