Electronic Components Datasheet Search
  English  ▼

X  

AD9873-EB Datasheet(PDF) 23 Page - Analog Devices

Part # AD9873-EB
Description  Analog Front End Converter for Set-Top Box, Cable Modem
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9873-EB Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9873-EB Datasheet HTML 19Page - Analog Devices AD9873-EB Datasheet HTML 20Page - Analog Devices AD9873-EB Datasheet HTML 21Page - Analog Devices AD9873-EB Datasheet HTML 22Page - Analog Devices AD9873-EB Datasheet HTML 23Page - Analog Devices AD9873-EB Datasheet HTML 24Page - Analog Devices AD9873-EB Datasheet HTML 25Page - Analog Devices AD9873-EB Datasheet HTML 26Page - Analog Devices AD9873-EB Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
REV. 0
AD9873
–23–
PROGRAMMABLE CLOCK OUTPUT REF CLK
The AD9873 provides a frequency programmable clock output
REF CLK (Pin 71). MCLK (fMCLK) and the master clock divider
ratio R stored in register address 01h determine its frequency:
fREF CLK = fMCLK/R
SIGMA-DELTA OUTPUTS
The AD9873 contains two independent sigma-delta outputs
that when low-pass filtered generate level programmable DC
voltages of:
VSD = (Sigma-Delta Code)/4096)(VLOGIC1) +VLOGIC0
(Influenced by CMOS logic output levels.)
8
tMCLK
000h
001h
002h
800h
FFFh
8
tMCLK
4096
8
tMCLK
4096
8
tMCLK
Figure 3. Sigma-Delta Output Signals
In cable modem set-top box applications the outputs can be used
to control external variable gain amplifiers and RF tuners. A
simple single-pole R-C low-pass filter provides sufficient filtering
(see Figure 4).
12
12
8
SIGMA-DELTA 1
SIGMA-DELTA 0
CONTROL
WORD 1
CONTROL
WORD 0
MCLK
R
R
C
C
DC (0.4 TO
DRVDD-0.6V)
DC (0.4 TO
DRVDD-0.6V)
TYPICAL: R = 50k
C = 0.01 F
f–3dB = 1/(2 RC) = 318Hz
AD9873
Figure 4. Sigma-Delta RC Filter
In more demanding applications where additional gain, level-shift
or drive capability is required, a first or second order active filter
might be considered for each sigma-delta output (see Figure 5).
SIGMA-DELTA
R
C
VDC = (VSD /2 + VOFFSETREF) (1 + R/R1)
GAIN = (1 + R/R1)/ 2
VOFFSET = VOFFSETREF (1 + R/R1)
TYPICAL: R = 50k
C = 0.01 F
f–3dB = 1/(2 RC) = 318Hz
AD9873
R
VOFFSETREF
OP250
R1
R
C
Figure 5. Sigma-Delta Active Filter With Gain and Offset
SERIAL INTERFACE FOR REGISTER CONTROL
The AD9873 serial port is a flexible, synchronous serial communi-
cations port allowing easy interface to many industry standard
microcontrollers and microprocessors. The serial I/O is com-
patible with most synchronous transfer formats, including both the
Motorola SPI and Intel SSR protocols. The interface allows read/
write access to all registers that configure the AD9873. Single
or multiple byte transfers are supported as well as MSB first or
LSB first transfer formats. The AD9873’s serial interface port can
be configured as a single pin I/O (SDIO) or two unidirectional pins
for in/out (SDIO/SDO).
General Operation of the Serial Interface
There are two phases to a communication cycle with the AD9873.
Phase 1 is the instruction cycle, which is the writing of an instruc-
tion byte into the AD9873, coincident with the first eight SCLK
rising edges. The instruction byte provides the AD9873 serial port
controller with information regarding the data transfer cycle, which
is Phase 2 of the communication cycle. The Phase 1 instruction
byte defines whether the upcoming data transfer is read or write,
the number of bytes in the data transfer and the starting register
address for the first byte of the data transfer. The first eight SCLK
rising edges of each communication cycle are used to write the
instruction byte into the AD9873.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the AD9873 and
the system controller. Phase 2 of the communication cycle is
a transfer of 1, 2, 3, or 4 data bytes as determined by the
instruction byte. Normally, using one multibyte transfer is
the preferred method. However, single byte data transfers are
useful to reduce CPU overhead when register access requires
one byte only. Registers change immediately upon writing to the
last bit of each transfer byte.
Instruction Byte
The instruction byte contains the following information as shown
in Table II:
Table II. Instruction Byte Information
I7
I6
I5
I4
I3
I2
I1
I0
R/W
N1
N0
A4
A3
A2
A1
A0
MSB
LSB
R/W, Bit 7 of the instruction byte, determines whether a read or
a write data transfer will occur after the instruction byte write.
Logic high indicates read operation. Logic zero indicates a write
operation. N1, N0, Bits 6 and 5 of the instruction byte, determine
the number of bytes to be transferred during the data transfer
cycle. The bit decodes are shown in the Table III.
Table III. Decode Bits
N1
N0
Description
0
0
Transfer 1 Byte
0
1
Transfer 2 Bytes
1
0
Transfer 3 Bytes
1
1
Transfer 4 Bytes
A4, A3, A2, A1, A0, Bits 4, 3, 2, 1, 0, of the instruction byte,
determine which register is accessed during the data transfer
portion of the communications cycle. For multibyte transfers,
this address is the starting byte address. The remaining register
addresses are generated by the AD9873.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com