Electronic Components Datasheet Search
  English  ▼

X  

AP2553 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2553
Description  The AP2552/53and AP2552A/53A are single channel precision adjustable current-limited switches optimized for the applications...
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2553 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2553 Datasheet HTML 8Page - Diodes Incorporated AP2553 Datasheet HTML 9Page - Diodes Incorporated AP2553 Datasheet HTML 10Page - Diodes Incorporated AP2553 Datasheet HTML 11Page - Diodes Incorporated AP2553 Datasheet HTML 12Page - Diodes Incorporated AP2553 Datasheet HTML 13Page - Diodes Incorporated AP2553 Datasheet HTML 14Page - Diodes Incorporated AP2553 Datasheet HTML 15Page - Diodes Incorporated AP2553 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP2552/AP2553/AP2552A/AP2553A
Document number: DS35404 Rev. 5 - 2
12 of 16
www.diodes.com
December 2012
© Diodes Incorporated
AP2552/ AP2553/ AP2552A/ AP2553A
Application Note (cont.)
Generic Hot-Plug Applications
By placing the AP2552/53 AND AP2552A/53A between the VCC input and the rest of the circuitry, the input power reaches these devices first
after insertion. The typical rise time of the switch is approximately 1ms, providing a slow voltage ramp at the output of the device. This
implementation controls system surge current and provides a hot-plugging mechanism for any device.
Ordering Information
 
Package
AP 255X X XXX -7
Packing
7 : Tape & Reel
Latch-off
Blank : Non Latch-off
FDC : U-DFN2020C-6
W6 : SOT 26
A : Latch-off
Enable
2 : Active Low
3 : Active High
Part Number
Enable
Active
Output Fault
Condition
Package
Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
AP2552W6-7
Low
Output Current
Limits
W6
SOT26
3000/Tape & Reel
-7
AP2552FDC-7
FDC
U-DFN2020C-6
3000/Tape & Reel
-7
AP2553W6-7
High
W6
SOT26
3000/Tape & Reel
-7
AP2553FDC-7
FDC
U-DFN2020C-6
3000/Tape & Reel
-7
AP2552AW6-7
Low
Output Latches
Off
W6
SOT26
3000/Tape & Reel
-7
AP2552AFDC-7
FDC
U-DFN2020C-6
3000/Tape & Reel
-7
AP2553AW6-7
High
W6
SOT26
3000/Tape & Reel
-7
AP2553AFDC-7
FDC
U-DFN2020C-6
3000/Tape & Reel
-7
Marking Information
(1)
SOT26
1
2
3
6
4
XX Y W X
XX : Identification Code
Y : Year 0~9
X : Internal Code
( Top View )
5
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Device
Package
Identification Code
AP2552W6
SOT26
BJ
AP2553W6
SOT26
BK
AP2552AW6
SOT26
BM
AP2553AW6
SOT26
BN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com