Electronic Components Datasheet Search
  English  ▼

X  

CX93010 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX93010
Description  Full turnkey design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93010 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX93010 Datasheet HTML 1Page - Synaptics Incorporated. CX93010 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2008 Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant
logo are registered trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. ThiS MATERiAL iS PROviDED AS iS AND wiThOUT
ANy ExPRESS OR iMPLiED wARRANTiES, iNCLUDiNg MERChANTAbiLiTy, fiTNESS fOR A
PARTiCULAR PURPOSE AND NON-iNfRiNgEMENT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
CX93010
USB V.92 Modem
(20-Pin QFN)
SmartDAA
Interface
Modem Data
Pump (MDP)
RAM
ROM
Microcontroller
Unit (MCU)
Serial EEPROM
2Kb (256 x 8) to
256KB (32K x 8)
(Optional)
TIP
RING
Telephone
Line Interface
Discrete
Components
TELEPHONE LINE
Digital
Isolation
Barrier
(DIB)
CX20548 SmartDAA
Line Side Device (LSD)
(16-Pin QFN)
Line
Side
DIB
Interface
(LSDI)
Codec
Telephone
Line
Interface
DAA Hardware
Filter
Components
USB
08-2748
PC Dial-Up Modems
Controller-Based Modems
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-
Conexant Product Portfolio
The company’s broad portfolio of semiconductor products also includes client-side DSL, cable, and dial-up modem solutions; fiber optic system-on-
chips; broadcast video encoders and decoders; and digital set-top box components and systems solutions. Additional products include a complete line
of asymmetric and symmetric DSL central office solutions, which are used by service providers worldwide to deliver broadband data, voice, and video
over copper telephone lines.
features
• Fullspeed(12MHz)USBinterfacedeviceimplementation
− Suspend/Resume
− Vendor specific descriptions
− Bus powered USB device
− Compatible with USB 2.0
• Datamodem
− ITU-T V.92 (V.92 model)
• Modem-on-Hold(MOH)
• Quickconnect(QC)
• PCMupstream
− V.90 (V.92 model)
− V.34 (V.92 model)
− V.32bis, V.32, V.22bis, V.22, V.23, and V.21, Bell 212A and Bell 103
− V.22bis fast connect
− V.250 and V.251 commands
− V.80 Synchronous Access Mode
• Datacompressionanderrorcorrection
− V.44, V.42bis, and MNP 5 data compression
− V.42 LAPM and MNP 2-4 error correction
• Faxmodemsendandreceiveratesupto14.4kbps
− V.17, V.29, V.27 ter, and V.21 channel 2
− EIA/TIA 578 Class 1 and T.31 Class 1.0
• InterfacestooptionalserialEEPROM
• Data/Fax/Voicecalldiscrimination
• Hardware-basedmodemcontroller
• Hardware-baseddigitalsignalprocessor(DSP)
• Worldwideoperation
− Complies to TBR21 and other country requirements
− On-hook and/or off-hook Caller ID detection for selected
countries
− Call progress, blacklisting
− Internal ROM includes default values for 63 countries
− Additional modified country profiles can be stored in internal
SRAM or optional serial EEPROM
• In-banddigitalcallprogress
• Callerwaitingdetection
• CallerIDdetect
− On-hook Caller ID detection
− Off-hook Call Waiting Caller ID detection during data mode
when connected to V.92 server
• Modemcustomizationavailablethroughpatchcodethatcanbe
stored in optional serial EEPROM or internal SRAM
• Telephony/TAM
− V.253 commands
− 2-bit and 4-bit ADPCM, 4-bit IMA ADPCM, 8-bit and 16-bit linear
PCM, and 8-bit μ-law and A-law PCM coding
− 8kHzsamplerate
− Concurrent DTMF, ring, and Caller ID detection
• Flowcontrolandspeedbuffering
• Automaticformat/speedsensing
• Asynchronousdata
• LEDdriveroutputs
• +5Vto+3.3Vvoltageregulatorson-chip
• +3.3Vto+1.2Vvoltageregulatorson-chip
• Systemcompatibility–CDC-compliantsystems
− Microsoft Windows 98SE, Windows ME, Windows 2000 and
Windows XP operating systems; Linux operating systems
− Macintosh computers and Sun workstations
SmartDAA features
• SystemsidepoweredDAAoperatesunderpoorlinecurrent
supply conditions
• Ringdetection
• Linepolarityreversaldetection
• Linecurrentlossdetection
• Pulsedialing
• Line-in-usedetectionduringon-hookoperation
• Remotehang-updetectionforefficientcalltermination
• Extensionpickupdetection
• Callwaitingdetection
• DigitalPBXlineprotection
• MeetsworldwideDCVImasksrequirements
Cx-9Z-NR0226 Design Kit includes:
• BOM
• Schematic
• Layoutfiles(Gerbers)
• IDDesignfiles
• DataSheet
• Driversoftware
Cx-9Z-NR0226 block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com