Electronic Components Datasheet Search
  English  ▼

X  

ISL37231DRAZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL37231DRAZ
Description  10.3125 Gb/s Retiming Dual-Channel Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231DRAZ Datasheet(HTML) 6 Page - Intersil Corporation

  ISL37231DRAZ Datasheet HTML 1Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 2Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 3Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 4Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 5Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 6Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 7Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 8Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ISL37231
6
FN8266.1
January 25, 2013
Electrical Characteristics T
A = +25°C, VDD1 = 1.0V, VDD18 = 1.8V, unless otherwise noted
PARAMETERS
SYMBOL
CONDITION
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
NOTES
1.0V Supply Current
(Combination of all 1V
Supplies)
IDD1
Both lanes active, after equalizer has trained
and is static, no eye monitors enabled
430
510
mA
No lanes active, but microcontroller awake
85
150
mA
Sleep Mode
4
mA
8
1.8V Supply Current
(Combination of all 1.8V
Supplies)
IDD18
Both lanes active, after equalizer has trained
and is static, no eye monitors enabled
25
55
mA
No lanes active, but microcontroller awake
9
20
mA
Sleep Mode
330
µA
8
Return Loss Limit
(Differential)
SDD11
SDD22
0.05GHz to 2GHz
-10
dB
9
2GHz to 5.2GHz
-6
dB
9
5.2GHz to 7GHz
-5
dB
9
Return Loss Limit (Common
Mode)
SCC11
SCC22
10MHz to 5GHz
-5
dB
9
Return Loss Limit (Diff. to
Com. Conversion)
SCD11
SCD22
10MHz to 5GHz
-20
dB
9
Input Equalization Range
EQ gain at 5GHz compared to DC. Set to
minimum gain
6
dB
10
EQ gain at 5GHz compared to DC. Set to
maximum gain
16.5
dB
10
Input Equalization
Increment
10 steps covering the Equalization range
1.5
dB
Output De-Emphasis Level
Range
Off-ramp channels optimized for PCB
dielectric loss. On-ramp channels optimized
for cable skin loss. Minimum setting
0
dB
Off-ramp channels optimized for PCB
dielectric loss. On-ramp channels optimized
for cable skin loss. Maximum setting
9
dB
De-Emphasis Increment
1dB
Number of De-Emphasis
Taps
3
11
Output Differential
Amplitude Range
VOUT
Minimum drive setting
200
mVP-P
Maximum drive setting
950
mVP-P
Output Differential
Amplitude Increment
15 Uniform Steps
50
mVP-P
Output Transition Time
tr, tf
20% to 80%
45
ps
Jitter Transfer Function
Bandwidth
5
MHz
Total Output Jitter
1E-13 BER; PRBS-31; no low frequency input
periodic jitter
0.3
UIP-P
SSC Down Spreading
Amplitude Tolerance
0.5
%
SSC Modulation Rate
Tolerance
33-37
kHz
NOTES:
8. The specified Sleep Mode currents can only be achieved when the ISL37231 is used in conjunction with the ISL80083 power management IC.
9. Measured with a Vector Network Analyzer with 100Ω -diff impedance and the ISL37231 input/output impedance at setting 0x07 (i.e. 100Ω-diff).
10. The equalization response includes all effects starting from the IC input pins up to the output of the equalization stage.
11. Three de-emphasis taps composed of: 1 pre-cursor + main + 1 post-cursor.
12. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com