Electronic Components Datasheet Search
  English  ▼

X  

KNA16 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KNA16
Description  Distributed constant type LC filter. Prevents ringing caused by circuit impedance.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KNA16 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KNA16 Datasheet HTML 1Page - Kyocera Kinseki Corpotation KNA16 Datasheet HTML 2Page - Kyocera Kinseki Corpotation KNA16 Datasheet HTML 3Page - Kyocera Kinseki Corpotation KNA16 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMI Filter Array
KNA16 Series
RoHS Compliant
Features
• Distributed constant type LC filter.
Prevents ringing caused by circuit
impedance.
• Stable noise attenuation over wide
frequency range.
• Small and low profile.
• KNA16xxxUA Series realize sharp
attenuation characteristics over the
frequency range from 470MHz for terrestrial
digital TV to 2GHz for mobile phones.
Applications
• Data Lines for Mobile Phones (LCD
Lines, Video Lines, Bus Lines)
• Bus Lines for Digital Equipment
• Terrestrial Digital TV Broadcasting
How to Order
KNA 16 300 C16 MA 7T S
①② ③
④
⑤ ⑥ ⑦
① Series
② Size Code
16
1608 (EIA: 0603)
③ Cut off Frequency
100
100MHz
220
220MHz
150
150MHz
300
300MHz
170
170MHz
350
350MHz
200
200MHz
390
390MHz
210
210MHz
④ Capacitance
C00
0pF
C18
18pF
C09
9pF
C25
25pF
C11
11pF
C33
33pF
C12
12pF
C35
35pF
C16
16pF
C45
45pF
⑤ Application
MA
Standard cellular phone
UA
Wide band (1 seg., DVB-H)
⑥ Packaging
7T
T&R: 7000 pcs. (KNA16: Std.)
⑦ Termination
S
Std.
Specifications
Part Number
Cut off
Frequency
Capacitance
(
+25/ −20%)
Attenuation
(Typical)
Rated
Current
Rated
Voltage
Operating
Temperature
KNA16150C33MA7TS 150MHz
33pF
800 to 1000MHz (@25dB)
1000 to 2500MHz (@20dB)
35mA 25VDC
−25 to +85°C
KNA16200C25MA7TS 200MHz
25pF
800 to 1000MHz (@25dB)
1000 to 2500MHz (@20dB)
35mA 25VDC
KNA16300C16MA7TS
300MHz
16pF
800 to 1000MHz (@25dB)
1000 to 2500MHz (@20dB)
35mA 25VDC
KNA16390C11MA7TS 390MHz
11pF
800 to 1000MHz (@20dB)
1000 to 2500MHz (@15dB)
35mA 25VDC
KNA16350C00MA7TS 350MHz
0pF
800 to 1000MHz (@15dB)
1000 to 2500MHz (@ 6dB)
35mA 25VDC
KNA16100C45UA7TS 100MHz
45pF
470 to 1000MHz (@30dB)
1000 to 2500MHz (@25dB)
25mA 25VDC
−25 to +85°C
KNA16150C35UA7TS 150MHz
35pF
470 to 1000MHz (@25dB)
1000 to 2500MHz (@20dB)
25mA 25VDC
KNA16170C25UA7TS
170MHz
25pF
470 to 1000MHz (@20dB)
1000 to 2500MHz (@20dB)
25mA 25VDC
KNA16200C18UA7TS 200MHz
18pF
470 to 1000MHz (@20dB)
1000 to 2500MHz (@20dB)
25mA 25VDC
KNA16210C12UA7TS 210MHz
12pF
470 to 1000MHz (@15dB)
1000 to 2500MHz (@15dB)
25mA 25VDC
KNA16220C09UA7TS 220MHz
9pF
470 to 1000MHz (@10dB)
1000 to 2500MHz (@12dB)
25mA 25VDC
CODE
L
W
T
Dimensions 1.60
±0.10 0.8±0.10 0.50±0.10
CODE
P
S
G
Dimensions
0.40
0.20
±0.075 0.20±0.075
Input Direction Mark
OUT
IN
L
PS
G
Dimensions
(Unit: mm)
Attenuation Characteristics
KNA16xxxMA Series
Frequency (MHz)
−70
−60
−50
−40
−30
−20
−10
0
10
10
100
1000
10000
KNA16300C16MA
KNA16390C11MA
KNA16350C00MA
KNA16150C33MA
KNA16200C25MA
KNA16xxxUA Series
−70
−60
−50
−40
−30
−20
−10
0
10
10
100
1000
10000
Frequency (MHz)
KNA16200C18UA
KNA16220C09UA
KNA16210C12UA
KNA16170C25UA
KNA16100C45UA
KNA16150C35UA
Recommended Land Pattern
(Unit: mm)
CODE
A
B
C
D
E
F
G
H
I
J
L
M
Dimensions 1.20
0.50
0.40
1.43
0.23
0.17
0.40
1.20
1.40
1.80
0.10
0.20
Packaging Specification
• Taping
KNA16 : 7,000/ reel: STD.
(Unit: mm)
•
Storage condition
Temperature:
−10 to +45°C
Humidity: 45 to 75%RH


Similar Part No. - KNA16

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KNA160ZJ4 SCHNEIDER-KNA160ZJ4 Datasheet
154Kb / 3P
Canalis KN
2024. 9. 26.
More results

Similar Description - KNA16

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
39812 SCHOTT-39812 Datasheet
37Kb / 1P
INTERNAL RINGING FILTER
logo
HB Electronic Component...
RGB-CONTROLLER-101 HB-RGB-CONTROLLER-101 Datasheet
401Kb / 5P
Damage caused by misuse
logo
Shenzhen Bencent Electr...
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
Eliminates overvoltage caused by fast rising transients
BS0060N-C-F BENCENT-BS0060N-C-F Datasheet
333Kb / 5P
Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
Eliminates overvoltage caused by fast rising transients
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
Eliminates overvoltage caused by fast rising transients
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com