Electronic Components Datasheet Search
  English  ▼

X  

AON2802 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON2802
Description  30V Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON2802 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON2802 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON2802 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON2802 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON2802 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON2802 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AON2802
30V Dual N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
2A
RDS(ON) (at VGS=10V)
< 60m
Ω
RDS(ON) (at VGS=4.5V)
< 68m
Ω
RDS(ON) (at VGS=2.5V)
< 88m
Ω
Typical ESD protection
HBM Class 3A
Symbol
The AON2802 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
G1
D 1
S1
G2
D2
S2
DFN 2x2A
Top View
Bottom View
Pin 1
Pin 1
S1
G1
D2
D1
D1
D2
S2
G2
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Power Dissipation
B
PD
Maximum Junction-to-Ambient
A
°C/W
Maximum Junction-to-Ambient
A D
100
°C/W
RθJA
50
80
60
TA=25°C
W
2.1
1.3
TA=70°C
V
±12
Gate-Source Voltage
TA=25°C
TA=70°C
A
ID
2
1.6
8
Pulsed Drain Current
C
Continuous Drain
Current
G
V
Maximum
Units
Parameter
Drain-Source Voltage
30
°C
Thermal Characteristics
Units
Parameter
Typ
Max
Junction and Storage Temperature Range
-55 to 150
Rev 0: Sep. 2012
www.aosmd.com
Page 1 of 5


Similar Part No. - AON2802

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2800 AOSMD-AON2800 Datasheet
268Kb / 5P
20V Dual N-Channel MOSFET
AON2801 AOSMD-AON2801 Datasheet
176Kb / 5P
Dual P-Channel Enhancement Mode Field Effect Transistor
logo
TECH PUBLIC Electronics...
AON2801 TECHPUBLIC-AON2801 Datasheet
2Mb / 4P
DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Alpha & Omega Semicondu...
AON2803 AOSMD-AON2803 Datasheet
242Kb / 5P
20V Dual P-Channel MOSFET
AON2809 AOSMD-AON2809 Datasheet
236Kb / 5P
12V Dual P-Channel MOSFET
More results

Similar Description - AON2802

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
30V Dual N-channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
30V Dual N-Channel MOSFET
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
30V Dual N-Channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
30V Dual N-channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
30V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
30V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com