Electronic Components Datasheet Search
  English  ▼

X  

AON2803 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON2803
Description  20V Dual P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON2803 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON2803 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON2803 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON2803 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON2803 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON2803 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AON2803
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
VDS=-20V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-0.4
-0.6
-1
V
ID(ON)
-20
A
58
70
TJ=125°C
78
94
70
90
m
Ω
85
115
m
Ω
gFS
15
S
VSD
-0.66
-1
V
IS
-2
A
Ciss
560
pF
Coss
80
pF
Crss
70
pF
Rg
15
30
Ω
Qg
8.5
12
nC
Qgs
1.2
nC
Qgd
2.1
nC
tD(on)
7.2
ns
t
36
ns
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-3.8A
Forward Transconductance
Diode Forward Voltage
SWITCHING PARAMETERS
IS=-1A,VGS=0V
VDS=-5V, ID=-3.8A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Reverse Transfer Capacitance
VGS=0V, VDS=-10V, f=1MHz
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS, ID=-250µA
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
VGS=-1.8V, ID=-2A
VGS=-2.5V, ID=-3A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=-4.5V, V =-10V, R =2.6
Ω,
VGS=-4.5V, VDS=-10V, ID=-3.8A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
tr
36
ns
tD(off)
53
ns
tf
56
ns
trr
37
ns
Qrr
27
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-3.8A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=2.6Ω,
RGEN=3Ω
Turn-Off Fall Time
IF=-3.8A, dI/dt=100A/µs
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C.
B. The value of R θJA is measured with the device mounted on a minimum pad board. Copper, in a still air environment with T A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C.
C. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev 0: August 2012
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com