Electronic Components Datasheet Search
  English  ▼

X  

AON2809 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON2809
Description  12V Dual P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON2809 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON2809 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON2809 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON2809 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON2809 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON2809 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AON2809
Symbol
Min
Typ
Max
Units
BVDSS
-12
V
VDS=-12V, VGS=0V
-1
TJ=55°C
-5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
-0.3
-0.6
-0.9
V
ID(ON)
-8
A
55
68
TJ=125°C
72
89
70
90
m
Ω
90
118
m
Ω
gFS
8
S
VSD
-0.7
-1
V
IS
-1.5
A
Ciss
415
pF
Coss
115
pF
Crss
78
pF
Rg
26
Ω
Qg(4.5)
4.4
nC
Qgs
0.8
nC
Qgd
0.9
nC
tD(on)
11.8
ns
t
24.5
ns
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-2A
Forward Transconductance
Diode Forward Voltage
SWITCHING PARAMETERS
IS=-1A,VGS=0V
VDS=-5V, ID=-2A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Reverse Transfer Capacitance
VGS=0V, VDS=-6V, f=1MHz
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS, ID=-250µA
VDS=0V, VGS= ±6V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
Ω
VGS=-1.8V, ID=-1A
VGS=-2.5V, ID=-1A
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=-4.5V, V =-6V, R =3
Ω,
VGS=-4.5V, VDS=-6V, ID=-2A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
tr
24.5
ns
tD(off)
54.5
ns
tf
37.3
ns
trr
21
ns
Qrr
5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-2A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-6V, RL=3Ω,
RGEN=3Ω
Turn-Off Fall Time
IF=-2A, dI/dt=100A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on R
θJA t ≤ 10s and the maxminum maximum allowed junction temperature of 150°C.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
Rev0: Nov. 2012
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com