Electronic Components Datasheet Search
  English  ▼

X  

AON4701 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON4701
Description  P-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON4701 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON4701 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4701 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4701 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4701 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON4701 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AON4701
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-0.3
-0.63
-1
V
ID(ON)
-15
A
73
90
TJ=125°C
102
125
95
120
m
Ω
123
160
m
Ω
gFS
47
S
VSD
-0.83
-1
V
IS
-2
A
Ciss
540
pF
Coss
72
pF
Crss
49
pF
Rg
12
Ω
Qg
6.1
nC
Qgs
0.6
nC
Qgd
1.6
nC
tD(on)
10
ns
tr
12
ns
tD(off)
44
ns
tf
22
ns
trr
21
ns
Qrr
7.5
nC
SCHOTTKY PARAMETERS
VF
0.39
0.5
V
0.1
20
CT
34
pF
trr
5.2
10
ns
Qrr
0.8
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
SchottkyReverse Recovery Time
IF=1A, dI/dt=100A/µs
Schottky Reverse Recovery Charge
IF=1A, dI/dt=100A/µs
mA
VR=16V, TJ=125°C
Junction Capacitance
VR=10V
Forward Voltage Drop
IF=0.5A
Irm
Maximum reverse leakage current
VR=16V
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-3.8A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-1.8V, ID=-1.5A
VGS=-4.5V, VDS=-5V
VGS=-4.5V, ID=-3.4A
Reverse Transfer Capacitance
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-16V, VGS=0V
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS=-2.5V, ID=-2.5A
IS=-1A,VGS=0V
VDS=-5V, ID=-3.4A
IF=-3.8A, dI/dt=100A/µs
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-3.8A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V, RL=2.6Ω,
RGEN=3Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any a given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev 0. December 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com