Electronic Components Datasheet Search
  English  ▼

X  

AON5802B Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON5802B
Description  Common-Drain Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON5802B Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON5802B Datasheet HTML 1Page - Alpha & Omega Semiconductors AON5802B Datasheet HTML 2Page - Alpha & Omega Semiconductors AON5802B Datasheet HTML 3Page - Alpha & Omega Semiconductors AON5802B Datasheet HTML 4Page - Alpha & Omega Semiconductors AON5802B Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AON5802B
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
10
µA
BVGSO
±12
V
VGS(th)
0.6
1.1
1.5
V
ID(ON)
55
A
12
15.5
19
TJ=125°C
19
23.5
29
VGS=4.0V, ID=5A
13
16
20
VGS=3.1V, ID=5A
14
18
23
17
23
30
gFS
32
S
VSD
0.71
0.9
V
IS
2.5
A
Ciss
920
1150
pF
Coss
105
pF
Crss
52
pF
Rg
1.7
2.5
k
Qg(10V)
17.5
24
nC
Qg(4.5V)
7.5
10
nC
Qgs
2.9
nC
Qgd
2.5
nC
tD(on)
320
420
ns
tr
550
ns
tD(off)
4.35
µs
tf
2.4
µs
trr
21.6
26
ns
Qrr
10
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge
IF=7A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
Body Diode Reverse Recovery Time
IF=7A, dI/dt=100A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=10V, VDS=15V, RL=2.1Ω,
RGEN=3Ω
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
Total Gate Charge
VGS=10V, VDS=15V, ID=7A
m
Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Gate Source Charge
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
IS=1A,VGS=0V
VDS=5V, ID=7A
VGS=2.5V, ID=4A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
VGS=4.5V, ID=7A
Diode Forward Voltage
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS, ID=250µA
VDS=30V, VGS=0V
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=4.5V, VDS=5V
Gate-Source Breakdown Voltage
VDS=0V, IG=±250uA
VDS=0V, VGS=±10V
Zero Gate Voltage Drain Current
Gate-Body leakage current
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value in
any given application depends on the user's specific board design. The current rating is based on the steady state thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA curve
provides a single pulse rating.
Rev5: July2011
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com