Electronic Components Datasheet Search
  English  ▼

X  

AON6403 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6403
Description  30V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6403 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6403 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6403 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6403 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6403 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6403 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6403 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AON6403
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-1.2
-1.7
-2.2
V
ID(ON)
-280
A
2.6
3.1
TJ=125°C
3.6
4.4
3.5
4.3
m
Ω
gFS
82
S
VSD
-0.7
-1
V
IS
-85
A
Ciss
6100
7600
9120
pF
Coss
930
1320
1720
pF
Crss
630
1050
1470
pF
Rg
1
2
4
Ω
Qg(10V)
130
163
196
nC
Qg(4.5V)
63
79
95
nC
Qgs
18
22
26
nC
Qgd
20
33
46
nC
tD(on)
13
ns
tr
18
ns
tD(off)
135
ns
tf
52
ns
trr
21
26
32
ns
Qrr
63
78
94
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-10V, VDS=-5V
VGS=-10V, ID=-20A
Reverse Transfer Capacitance
IF=-20A, dI/dt=500A/µs
V
GS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=VGS ID=-250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
Ω
IS=-1A,VGS=0V
VDS=-5V, ID=-20A
VGS=-4.5V, ID=-20A
V
GS=-10V, VDS=-15V,
RL=0.75Ω, RGEN=3Ω
Gate resistance
V
GS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Total Gate Charge
V
GS=-10V, VDS=-15V, ID=-20A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Rev 2: Nov. 2010
Body Diode Reverse Recovery Charge IF=-20A, dI/dt=500A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation PDSM is based on R θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 150°C may be used if the PCB allow s it.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initial TJ =25°C.Maximum UIS current limited by test equipment .
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink,
assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
G. The maximum current rating is limited by package.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 2: November 2010
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com