Electronic Components Datasheet Search
  English  ▼

X  

NCP1237 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1237
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1237 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1237_11 Datasheet HTML 5Page - ON Semiconductor NCP1237_11 Datasheet HTML 6Page - ON Semiconductor NCP1237_11 Datasheet HTML 7Page - ON Semiconductor NCP1237_11 Datasheet HTML 8Page - ON Semiconductor NCP1237_11 Datasheet HTML 9Page - ON Semiconductor NCP1237_11 Datasheet HTML 10Page - ON Semiconductor NCP1237_11 Datasheet HTML 11Page - ON Semiconductor NCP1237_11 Datasheet HTML 12Page - ON Semiconductor NCP1237_11 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
NCP1237
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
80
90
100
110
120
Figure 10. Brown−Out Circuit Thresholds vs.
Junction Temperature
Figure 11. Line Overvoltage Circuit Thresholds
vs. Junction Temperature
Figure 12. ICC Supply Currents vs. Junction
Temperature
Figure 13. Oscillator Frequency vs. Junction
Temperature
Figure 14. Maximum Duty Ratio vs. Junction
Temperature
75
50
−25
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
410
415
420
425
435
75
50
−25
85
95
105
115
125
130
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
0.50
1.00
1.50
2.00
2.50
75
50
−25
430
0.75
1.25
1.75
2.25
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
45
55
65
75
75
50
−25
50
60
70
80
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
78.0
78.5
79.0
79.5
81.0
75
50
−25
80.0
80.5
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
0
10
20
30
40
75
50
−25
5
15
25
35
VHV(start)
450
440
ICC1
85
82.0
81.5
tfall
VHV(stop)
445
VHV(OV1)
VHV(OV2)
2.75
3.25
3.75
3.00
3.50
4.00
ICC2
ICC3
ICC4
trise
Figure 15. Driver Transitions Time vs. Junction
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com