Electronic Components Datasheet Search
  English  ▼

X  

ADG408 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG408
Description  LC2MOS 4-/8-Channel High Performance Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG408 Datasheet(HTML) 5 Page - Analog Devices

  ADG408 Datasheet HTML 1Page - Analog Devices ADG408 Datasheet HTML 2Page - Analog Devices ADG408 Datasheet HTML 3Page - Analog Devices ADG408 Datasheet HTML 4Page - Analog Devices ADG408 Datasheet HTML 5Page - Analog Devices ADG408 Datasheet HTML 6Page - Analog Devices ADG408 Datasheet HTML 7Page - Analog Devices ADG408 Datasheet HTML 8Page - Analog Devices ADG408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ADG408/ADG409
REV. A
–5–
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential in dual
supplies. In single supply applications, it may
be connected to ground.
GND
Ground (0 V) reference.
RON
Ohmic resistance between D and S.
∆R
ON
Difference between the RON of any two
channels.
IS (OFF)
Source leakage current when the switch is off.
ID (OFF)
Drain leakage current when the switch is off.
ID, IS (ON)
Channel leakage current when the switch is on.
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
Channel input capacitance for “OFF”
condition.
CD (OFF)
Channel output capacitance for “OFF”
condition.
CD, CS (ON)
“ON” switch capacitance.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points of
the digital input and switch “ON” condition.
tOFF (EN)
Delay time between the 50% and 90% points of
the digital input and switch “OFF” condition.
tTRANSITION
Delay time between the 50% and 90% points of
the digital inputs and the switch “ON” condition
when switching from one address state to another.
tOPEN
“OFF” time measured between the 80% point
of both switches when switching from one
address state to another.
VINL
Maximum input voltage for Logic “0.”
VINH
Minimum input voltage for Logic “1.”
IINL (IINH)
Input current of the digital input.
Crosstalk
A measure of unwanted signal which is coupled
through from one channel to another as a result
of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through
an “OFF” channel.
Charge
A measure of the glitch impulse transferred
Injection
from the digital input to the analog output
during switching.
IDD
Positive supply current.
ISS
Negative supply current.
PIN CONFIGURATIONS (DIP/SOIC/TSSOP)
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A0
EN
VSS
S1
S2
S3
S4
D
A1
A2
GND
VDD
S5
S6
S7
S8
ADG408
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A0
EN
VSS
S1A
S2A
S3A
S4A
DA
A1
GND
VDD
S1B
S2B
S3B
S4B
DB
ADG409
ADG408 Truth Table
ON
A2
A1
A0
EN
SWITCH
X
X
X
0
NONE
0
001
1
0
011
2
0
101
3
0
111
4
1
001
5
1
011
6
1
101
7
1
111
8
ADG409 Truth Table
ON SWITCH
Al
A0
EN
PAIR
X
X
0
NONE
00
1
1
01
1
2
10
1
3
11
1
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com