Electronic Components Datasheet Search
  English  ▼

X  

ADG412 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG412
Description  LC2MOS Precision Quad SPST Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG412 Datasheet(HTML) 8 Page - Analog Devices

  ADG412 Datasheet HTML 1Page - Analog Devices ADG412 Datasheet HTML 2Page - Analog Devices ADG412 Datasheet HTML 3Page - Analog Devices ADG412 Datasheet HTML 4Page - Analog Devices ADG412 Datasheet HTML 5Page - Analog Devices ADG412 Datasheet HTML 6Page - Analog Devices ADG412 Datasheet HTML 7Page - Analog Devices ADG412 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ADG411/ADG412/ADG413
REV. A
–8–
SD
+15V
+5V
0.1 F
0.1 F
VDD
VL
VS
GND
VSS
50
NC
0.1 F
–15V
VIN1
VIN2
DS
RL
50
VOUT
CHANNEL TO CHANNEL
CROSSTALK = 20
LOG VS/VOUT
Test Circuit 8. Channel-to-Channel Crosstalk
SD
+15V
+5V
0.1 F
0.1 F
VDD
VL
IN
VS
GND
VSS
RL
50
VOUT
0.1 F
–15V
VIN
Test Circuit 7. Off Isolation
16-Lead Cerdip
(Q-16)
16
1
8
9
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13) MIN
0.080 (2.03) MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.200 (5.08)
MAX
0.840 (21.34) MAX
0.150
(3.81)
MIN
0.070 (1.78)
0.030 (0.76)
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0.060 (1.52)
0.015 (0.38)
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
16-Lead Plastic DIP (Narrow)
(N-16)
16
18
9
0.840 (21.34)
0.745 (18.92)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.26)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
MECHANICAL INFORMATION
Dimensions are shown in inches and (mm).
16-Lead SOIC
(R-16A)
16
9
8
1
0.3937 (10.00)
0.3859 (9.80)
0.2440 (6.20)
0.2284 (5.80)
0.1574 (4.00)
0.1497 (3.80)
PIN 1
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0688 (1.75)
0.0532 (1.35)
0.0500
(1.27)
BSC
0.0099 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
x 45
16-Lead TSSOP
(RU-16)
16
9
8
1
0.201 (5.10)
0.193 (4.90)
PIN 1
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0256
(0.65)
BSC
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8°
0°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com