Electronic Components Datasheet Search
  English  ▼

X  

ADG428BN Datasheet(PDF) 8 Page - Analog Devices

Part # ADG428BN
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428BN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG428BN Datasheet HTML 4Page - Analog Devices ADG428BN Datasheet HTML 5Page - Analog Devices ADG428BN Datasheet HTML 6Page - Analog Devices ADG428BN Datasheet HTML 7Page - Analog Devices ADG428BN Datasheet HTML 8Page - Analog Devices ADG428BN Datasheet HTML 9Page - Analog Devices ADG428BN Datasheet HTML 10Page - Analog Devices ADG428BN Datasheet HTML 11Page - Analog Devices ADG428BN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. C
ADG428/ADG429
–8–
FREQUENCY – Hz
100
95
50
100
10M
1k
10k
100k
1M
80
65
60
55
90
85
70
75
45
40
VDD = +15V
VSS = –15V
Figure 13. OFF Isolation vs. Frequency
VD (VS) – Volts
0.2
–0.1
–15
15
–10
–5
0
5
10
0.1
0
VDD = +15V
VSS = –15V
TA = +25 C
ID (ON)
ID (OFF)
IS (OFF)
Figure 14. Leakage Currents as a Function of VD (VS)
FREQUENCY – Hz
110
105
60
1k
10k
100k
90
75
70
65
100
95
80
85
55
50
VDD = +15V
VSS = –15V
1M
10M
Figure 15. Crosstalk vs. Frequency
VD (VS) – Volts
0.04
–0.04
0.03
0
–0.01
–0.02
–0.03
0.02
0.01
012
2468
10
VDD = +12V
VSS = 0V
TA = +25 C
ID (OFF)
IS (OFF)
ID (ON)
Figure 16. Leakage Currents as a Function of VD (VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com