Electronic Components Datasheet Search
  English  ▼

X  

ADG428BP Datasheet(PDF) 10 Page - Analog Devices

Part # ADG428BP
Description  LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG428BP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG428BP Datasheet HTML 4Page - Analog Devices ADG428BP Datasheet HTML 5Page - Analog Devices ADG428BP Datasheet HTML 6Page - Analog Devices ADG428BP Datasheet HTML 7Page - Analog Devices ADG428BP Datasheet HTML 8Page - Analog Devices ADG428BP Datasheet HTML 9Page - Analog Devices ADG428BP Datasheet HTML 10Page - Analog Devices ADG428BP Datasheet HTML 11Page - Analog Devices ADG428BP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. C
ADG428/ADG429
–10–
VDD
VSS
VDD
VSS
VS
OUTPUT
ADG428*
A0
A1
A2
2.4V
EN
GND
S1
S2–S8
D
1k
35pF
*SIMILAR CONNECTION FOR ADG429
RS
WR
50
VIN
3V
0V
ENABLE DRIVE
–VIN
OUTPUT (VO)
0.9VO
VO
0V
50%
50%
0.9VO
tON (EN)
tOFF (EN)
Test Circuit 7. Enable Delay, tON (EN), tOFF (EN)
VDD
VSS
VDD
VSS
VS
OUTPUT
ADG428*
A0
A1
A2
2.4V
EN
GND
S1
S2–S8
D
1k
35pF
*SIMILAR CONNECTION FOR ADG429
RS
WR
VRS
VWR
3V
0V
WR
OUTPUT
VO
0V
50%
0.2VO
tON (WR)
Test Circuit 8. Write Turn-On Time, tON (WR)
VDD
VSS
VDD
VSS
VS
OUTPUT
ADG428*
A0
A1
A2
2.4V
EN
S1
S2–S8
D
1k
35pF
*SIMILAR CONNECTION FOR ADG429
RS
VIN
GND
WR
3V
0V
RS
OUTPUT
VO
0V
50%
0.8VO
tOFF (RS)
Test Circuit 9. Reset Turn-Off Time, tOFF (RS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com