Electronic Components Datasheet Search
  English  ▼

X  

6A05 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # 6A05
Description  High forward surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

6A05 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  6A05 Datasheet HTML 1Page - DIOTEC Electronics Corporation 6A05 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6A05 THRU 6A100
RATINGS AND CHARACTERISTIC CURVES
6.0
4.8
3.6
2.4
1.2
0
0
25
50
75
100
125
150
175
400
320
240
160
80
0
0.5
0.7
0.9
1.1
1.3
1.4
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
10
100
0.1
1
10
200
100
TJ=25 C
PULSE WIDTH=300 ms
1%DUTY CYCLE
TJ=25 C
10
100
1000
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
TJ=150 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
2000
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com