Electronic Components Datasheet Search
  English  ▼

X  

6A40 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # 6A40
Description  High forward surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

6A40 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  6A40 Datasheet HTML 1Page - DIOTEC Electronics Corporation 6A40 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6A05 THRU 6A100
GENERAL PURPOSE SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 6.0 Ampere
Characteristic
Case: R-6 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.072 ounce, 2.05 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
R-6
0.360 (9.1)
0.340(8.6)
DIA.
0.052 (1.3)
0.048 (1.2)
DIA.
0.360(9.1)
0.340(8.6)
Dimensions in inches and (millimeters)
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
6.0
400
1.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=60 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 6.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375” (9.5mm)lead length,P.C.B. mounted
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
IR
10.0
400
CJ
TJ,TSTG
10.0
150
-65 to +150
pF
C
Typical thermal resistance (NOTE 2)
C/W
6A05
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
6A10 6A20 6A40 6A60 6A80 6A100
●
●
●
●
●
µA
R JA


Similar Part No. - 6A40

ManufacturerPart #DatasheetDescription
logo
Surge Components
6A40 SURGE-6A40 Datasheet
125Kb / 2P
6.0 AMPS. SILICON RECTIFIERS????
logo
Taiwan Semiconductor Co...
6A40 TSC-6A40 Datasheet
68Kb / 2P
6.0 AMPS. Silicon Rectifiers
6A40 TSC-6A40 Datasheet
243Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
6A40 DAESAN-6A40 Datasheet
271Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
RFE international
6A40 RFE-6A40 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
More results

Similar Description - 6A40

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC1505WN PFS-KBPC1505WN_1 Datasheet
212Kb / 2P
High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Mospec Semiconductor
KBU804 MOSPEC-KBU804 Datasheet
177Kb / 2P
High forward surge current capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
High surge forward current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com